Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 70 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 66Page - Microchip Technology PIC18LF26J53 Datasheet HTML 67Page - Microchip Technology PIC18LF26J53 Datasheet HTML 68Page - Microchip Technology PIC18LF26J53 Datasheet HTML 69Page - Microchip Technology PIC18LF26J53 Datasheet HTML 70Page - Microchip Technology PIC18LF26J53 Datasheet HTML 71Page - Microchip Technology PIC18LF26J53 Datasheet HTML 72Page - Microchip Technology PIC18LF26J53 Datasheet HTML 73Page - Microchip Technology PIC18LF26J53 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 70
Preliminary
 2010 Microchip Technology Inc.
5.7
Reset State of Registers
Most registers are unaffected by a Reset. Their status
is unknown on POR and unchanged by all other
Resets. The other registers are forced to a “Reset
state” depending on the type of Reset that occurred.
Most registers are not affected by a WDT wake-up,
since this is viewed as the resumption of normal
operation. Status bits from the RCON register (CM, RI,
TO, PD, POR and BOR) are set or cleared differently in
different Reset situations, as indicated in Table 5-1.
These bits are used in software to determine the nature
of the Reset.
Table 5-2 describes the Reset states for all of the
Special Function Registers. These are categorized by
POR and BOR, MCLR and WDT Resets and WDT
wake-ups.
TABLE 5-1:
STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION FOR
RCON REGISTER
Condition
Program
Counter(1)
RCON Register
STKPTR Register
CM
RI
TO
PD
POR
BOR STKFUL STKUNF
Power-on Reset
0000h
111100
0
0
RESET instruction
0000h
u0uuuu
u
u
Brown-out Reset
0000h
1111u0
u
u
Configuration Mismatch Reset
0000h
0uuuuu
u
u
MCLR Reset during
power-managed Run modes
0000h
uu1uuu
u
u
MCLR Reset during
power-managed Idle modes and
Sleep mode
0000h
uu10uu
u
u
MCLR Reset during full-power
execution
0000h
uuuuuu
u
u
Stack Full Reset (STVREN = 1)
0000h
uuuuuu
1
u
Stack Underflow Reset
(STVREN = 1)
0000h
uuuuuu
u
1
Stack Underflow Error (not an
actual Reset, STVREN = 0)
0000h
uuuuuu
u
1
WDT time-out during full-power
or power-managed Run modes
0000h
uu0uuu
u
u
WDT time-out during
power-managed Idle or Sleep
modes
PC + 2
uu00uu
u
u
Interrupt exit from
power-managed modes
PC + 2
uuu0uu
u
u
Legend: u = unchanged
Note 1:
When the wake-up is due to an interrupt and the GIEH or GIEL bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn