Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 68 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 64Page - Microchip Technology PIC18LF26J53 Datasheet HTML 65Page - Microchip Technology PIC18LF26J53 Datasheet HTML 66Page - Microchip Technology PIC18LF26J53 Datasheet HTML 67Page - Microchip Technology PIC18LF26J53 Datasheet HTML 68Page - Microchip Technology PIC18LF26J53 Datasheet HTML 69Page - Microchip Technology PIC18LF26J53 Datasheet HTML 70Page - Microchip Technology PIC18LF26J53 Datasheet HTML 71Page - Microchip Technology PIC18LF26J53 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 68
Preliminary
 2010 Microchip Technology Inc.
5.5
Configuration Mismatch (CM)
The Configuration Mismatch (CM) Reset is designed to
detect, and attempt to recover from, random memory
corrupting
events.
These
include
Electrostatic
Discharge (ESD) events, which can cause widespread
single bit changes throughout the device and result in
catastrophic failure.
In PIC18FXXJ Flash devices, the device Configuration
registers (located in the configuration memory space)
are continuously monitored during operation by com-
paring their values to complimentary shadow registers.
If a mismatch is detected between the two sets of
registers, a CM Reset automatically occurs. These
events are captured by the CM bit (RCON<5>). The
state of the bit is set to ‘0’ whenever a CM event occurs;
it does not change for any other Reset event.
A CM Reset behaves similarly to a MCLR, RESET
instruction, WDT time-out or Stack Event Resets. As
with all hard and power Reset events, the device
Configuration Words are reloaded from the Flash
Configuration Words in program memory as the device
restarts.
5.6
Power-up Timer (PWRT)
PIC18F47J53 family devices incorporate an on-chip
PWRT to help regulate the POR process. The PWRT is
always enabled. The main function is to ensure that the
device voltage is stable before code is executed.
The Power-up Timer (PWRT) of the PIC18F47J53 family
devices is a 5-bit counter which uses the INTRC source
as the clock input. This yields an approximate time
interval of 32 x 32
s = 1 ms. While the PWRT is
counting, the device is held in Reset.
The power-up time delay depends on the INTRC clock
and will vary from chip-to-chip due to temperature and
process variation. See DC parameter 33 (TPWRT) for
details.
5.6.1
TIME-OUT SEQUENCE
The PWRT time-out is invoked after the POR pulse has
cleared. The total time-out will vary based on the status
of the PWRT. Figure 5-2, Figure 5-3, Figure 5-4 and
Figure 5-5 all depict time-out sequences on power-up
with the PWRT.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the PWRT will expire. Bringing
MCLR high will begin execution immediately if a clock
source is available (Figure 5-4). This is useful for
testing purposes or to synchronize more than one
PIC18F device operating in parallel.
FIGURE 5-2:
TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD, VDD RISE < TPWRT)
TPWRT
VDD
MCLR
INTERNAL POR
PWRT TIME-OUT
INTERNAL RESET


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn