Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18LF26J53 Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 61Page - Microchip Technology PIC18LF26J53 Datasheet HTML 62Page - Microchip Technology PIC18LF26J53 Datasheet HTML 63Page - Microchip Technology PIC18LF26J53 Datasheet HTML 64Page - Microchip Technology PIC18LF26J53 Datasheet HTML 65Page - Microchip Technology PIC18LF26J53 Datasheet HTML 66Page - Microchip Technology PIC18LF26J53 Datasheet HTML 67Page - Microchip Technology PIC18LF26J53 Datasheet HTML 68Page - Microchip Technology PIC18LF26J53 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 65
PIC18F47J53 FAMILY
5.0
RESET
The PIC18F47J53 family of devices differentiates
among various kinds of Reset:
a)
Power-on Reset (POR)
b)
MCLR Reset during normal operation
c)
MCLR Reset during power-managed modes
d)
Watchdog
Timer
(WDT)
Reset
(during
execution)
e)
Configuration Mismatch (CM)
f)
Brown-out Reset (BOR)
g)
RESET Instruction
h)
Stack Full Reset
i)
Stack Underflow Reset
j)
Deep Sleep Reset
This section discusses Resets generated by MCLR,
POR and BOR, and covers the operation of the various
start-up timers.
For information on WDT Resets, see Section 28.2
“Watchdog Timer (WDT)”. For Stack Reset events,
see Section 6.1.4.4 “Stack Full and Underflow
Resets” and for Deep Sleep mode, see Section 4.6
“Deep Sleep Mode”.
Figure 5-1 provides a simplified block diagram of the
on-chip Reset circuit.
5.1
RCON Register
Device Reset events are tracked through the RCON
register (Register 5-1). The lower five bits of the register
indicate that a specific Reset event has occurred. In
most cases, these bits can only be set by the event and
must be cleared by the application after the event. The
state of these flag bits, taken together, can be read to
indicate the type of Reset that just occurred. This is
described in more detail in Section 5.7 “Reset State of
Registers”.
The RCON register also has a control bit for setting
interrupt priority (IPEN). Interrupt priority is discussed
in Section 9.0 “Interrupts”.
FIGURE 5-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
External Reset
MCLR
VDD
WDT
Time-out
VDD Rise
Detect
PWRT
INTRC
POR Pulse
Chip_Reset
Brown-out
Reset(1)
RESET Instruction
Stack
Pointer
Stack Full/Underflow Reset
Sleep
( )_IDLE
32 ms
PWRT
11-Bit Ripple Counter
66 ms
S
RQ
Configuration Word Mismatch
Deep Sleep Reset
Note 1: The VDD monitoring BOR circuit can be enabled or disabled on “LF” devices based on the CONFIG3L<DSBOREN>
Configuration bit. On “F” devices, the VDD monitoring BOR circuit is only enabled during Deep Sleep mode by
CONFIG3L<DSBOREN>.
2: The VDDCORE monitoring BOR circuit is only implemented on “F” devices. It is always used, except while in Deep
Sleep mode. The VDDCORE monitoring BOR circuit has a trip point threshold of VBOR (parameter D005).
VDDCORE
Brown-out
Reset(2)


Similar Part No. - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF26J50 MICROCHIP-PIC18LF26J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18LF26J50I/MLQTP MICROCHIP-PIC18LF26J50I/MLQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/MLSQTP MICROCHIP-PIC18LF26J50I/MLSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTQTP MICROCHIP-PIC18LF26J50I/PTQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTSQTP MICROCHIP-PIC18LF26J50I/PTSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
More results

Similar Description - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F47J13 MICROCHIP-PIC18F47J13 Datasheet
4Mb / 558P
   28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F46J50-IPT MICROCHIP-PIC18F46J50-IPT Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
02/18/11
PIC18F46J11 MICROCHIP-PIC18F46J11_11 Datasheet
4Mb / 536P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J50 MICROCHIP-PIC18F46J50_11 Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J11 MICROCHIP-PIC18F46J11 Datasheet
8Mb / 528P
   28/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2009
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F2X MICROCHIP-PIC18F2X Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1824 MICROCHIP-PIC16F1824_11 Datasheet
3Mb / 419P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com