Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18LF26J53 Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 56Page - Microchip Technology PIC18LF26J53 Datasheet HTML 57Page - Microchip Technology PIC18LF26J53 Datasheet HTML 58Page - Microchip Technology PIC18LF26J53 Datasheet HTML 59Page - Microchip Technology PIC18LF26J53 Datasheet HTML 60Page - Microchip Technology PIC18LF26J53 Datasheet HTML 61Page - Microchip Technology PIC18LF26J53 Datasheet HTML 62Page - Microchip Technology PIC18LF26J53 Datasheet HTML 63Page - Microchip Technology PIC18LF26J53 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 60
Preliminary
 2010 Microchip Technology Inc.
REGISTER 4-6:
DSWAKEL: DEEP SLEEP WAKE LOW BYTE REGISTER (BANKED F4Ah)
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-1
DSFLT
DSULP
DSWDT
DSRTC
DSMCLR
DSPOR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
DSFLT: Deep Sleep Fault Detected bit
1 = A Deep Sleep Fault was detected during Deep Sleep
0 = A Deep Sleep Fault was not detected during Deep Sleep
bit 6
Unimplemented: Read as ‘0’
bit 5
DSULP: Ultra Low-Power Wake-up Status bit
1 = An ultra low-power wake-up event occurred during Deep Sleep
0 = An ultra low-power wake-up event did not occur during Deep Sleep
bit 4
DSWDT: Deep Sleep Watchdog Timer Time-out bit
1 = The Deep Sleep Watchdog Timer timed out during Deep Sleep
0 = The Deep Sleep Watchdog Timer did not time out during Deep Sleep
bit 3
DSRTC: Real-Time Clock and Calendar Alarm bit
1 = The Real-Time Clock/Calendar triggered an alarm during Deep Sleep
0 = The Real-Time Clock /Calendar did not trigger an alarm during Deep Sleep
bit 2
DSMCLR: MCLR Event bit
1 = The MCLR pin was asserted during Deep Sleep
0 = The MCLR pin was not asserted during Deep Sleep
bit 1
Unimplemented: Read as ‘0’
bit 0
DSPOR: Power-on Reset Event bit
1 = The VDD supply POR circuit was active and a POR event was detected(1)
0 = The VDD supply POR circuit was not active, or was active, but did not detect a POR event
Note 1:
Unlike the other bits in this register, this bit can be set outside of Deep Sleep.


Similar Part No. - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF26J50 MICROCHIP-PIC18LF26J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18LF26J50I/MLQTP MICROCHIP-PIC18LF26J50I/MLQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/MLSQTP MICROCHIP-PIC18LF26J50I/MLSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTQTP MICROCHIP-PIC18LF26J50I/PTQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTSQTP MICROCHIP-PIC18LF26J50I/PTSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
More results

Similar Description - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F47J13 MICROCHIP-PIC18F47J13 Datasheet
4Mb / 558P
   28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F46J50-IPT MICROCHIP-PIC18F46J50-IPT Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
02/18/11
PIC18F46J11 MICROCHIP-PIC18F46J11_11 Datasheet
4Mb / 536P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J50 MICROCHIP-PIC18F46J50_11 Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J11 MICROCHIP-PIC18F46J11 Datasheet
8Mb / 528P
   28/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2009
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F2X MICROCHIP-PIC18F2X Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1824 MICROCHIP-PIC16F1824_11 Datasheet
3Mb / 419P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com