Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 59 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 55Page - Microchip Technology PIC18LF26J53 Datasheet HTML 56Page - Microchip Technology PIC18LF26J53 Datasheet HTML 57Page - Microchip Technology PIC18LF26J53 Datasheet HTML 58Page - Microchip Technology PIC18LF26J53 Datasheet HTML 59Page - Microchip Technology PIC18LF26J53 Datasheet HTML 60Page - Microchip Technology PIC18LF26J53 Datasheet HTML 61Page - Microchip Technology PIC18LF26J53 Datasheet HTML 62Page - Microchip Technology PIC18LF26J53 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 59
PIC18F47J53 FAMILY
REGISTER 4-3:
DSGPR0: DEEP SLEEP PERSISTENT GENERAL PURPOSE REGISTER 0
(BANKED F4Eh)
R/W-xxxx(1)
Deep Sleep Persistent General Purpose bits
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
Deep Sleep Persistent General Purpose bits
Contents are retained even in Deep Sleep mode.
Note 1:
All register bits are maintained unless: VDDCORE drops below the normal BOR threshold outside of Deep
Sleep or the device is in Deep Sleep and the dedicated DSBOR is enabled and VDD drops below the
DSBOR threshold, or DSBOR is enabled or disabled, but VDD is hard cycled to near VSS.
REGISTER 4-4:
DSGPR1: DEEP SLEEP PERSISTENT GENERAL PURPOSE REGISTER 1
(BANKED F4Fh)
R/W-xxxx(1)
Deep Sleep Persistent General Purpose bits
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
Deep Sleep Persistent General Purpose bits
Contents are retained even in Deep Sleep mode.
Note 1:
All register bits are maintained unless: VDDCORE drops below the normal BOR threshold outside of Deep
Sleep or the device is in Deep Sleep and the dedicated DSBOR is enabled and VDD drops below the
DSBOR threshold, or DSBOR is enabled or disabled, but VDD is hard cycled to near VSS.
REGISTER 4-5:
DSWAKEH: DEEP SLEEP WAKE HIGH BYTE REGISTER (BANKED F4Bh)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
—DSINT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-1
Unimplemented: Read as ‘0’
bit 0
DSINT0: Interrupt-on-Change bit
1 = Interrupt-on-change was asserted during Deep Sleep
0 = Interrupt-on-change was not asserted during Deep Sleep


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn