Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 48 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 44Page - Microchip Technology PIC18LF26J53 Datasheet HTML 45Page - Microchip Technology PIC18LF26J53 Datasheet HTML 46Page - Microchip Technology PIC18LF26J53 Datasheet HTML 47Page - Microchip Technology PIC18LF26J53 Datasheet HTML 48Page - Microchip Technology PIC18LF26J53 Datasheet HTML 49Page - Microchip Technology PIC18LF26J53 Datasheet HTML 50Page - Microchip Technology PIC18LF26J53 Datasheet HTML 51Page - Microchip Technology PIC18LF26J53 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 48
Preliminary
 2010 Microchip Technology Inc.
TABLE 4-1:
LOW-POWER MODES
4.1.3
CLOCK TRANSITIONS AND STATUS
INDICATORS
The length of the transition between clock sources is
the sum of two cycles of the old clock source and three
to four cycles of the new clock source. This formula
assumes that the new clock source is stable.
Two bits indicate the current clock source and its
status:
OSTS
(OSCCON<3>)
and
SOSCRUN
(OSCCON2<6>). In general, only one of these bits will
be set in a given power-managed mode. When the
OSTS bit is set, the primary clock would be providing
the device clock. When the SOSCRUN bit is set, the
Timer1 oscillator would be providing the clock. If neither
of these bits is set, INTRC would be clocking the
device.
4.1.4
MULTIPLE SLEEP COMMANDS
The power-managed mode that is invoked with the
SLEEP instruction is determined by the setting of the
IDLEN and DSEN bits at the time the instruction is exe-
cuted. If another SLEEP instruction is executed, the
device will enter the power-managed mode specified
by IDLEN and DSEN at that time. If IDLEN or DSEN
have changed, the device will enter the new
power-managed mode specified by the new setting.
Mode
DSCONH<7>
OSCCON<7,1:0>
Module Clocking
Available Clock and Oscillator Source
DSEN(1)
IDLEN(1) SCS<1:0>
CPU
Peripherals
Sleep
00
N/A
Off
Off
Timer1 oscillator and/or RTCC may optionally be
enabled
Deep
Sleep(3)
10
N/A
Powered
off(2)
Powered off RTCC can run uninterrupted using the Timer1 or
internal low-power RC oscillator
PRI_RUN
0
N/A
00
Clocked
Clocked
The normal, full-power execution mode; primary
clock source (defined by FOSC<2:0>)
SEC_RUN
0
N/A
01
Clocked
Clocked
Secondary – Timer1 oscillator
RC_RUN
0
N/A
11
Clocked
Clocked
Postscaled internal clock
PRI_IDLE
01
00
Off
Clocked
Primary clock source (defined by FOSC<2:0>)
SEC_IDLE
01
01
Off
Clocked
Secondary – Timer1 oscillator
RC_IDLE
01
11
Off
Clocked
Postscaled internal clock
Note 1:
IDLEN and DSEN reflect their values when the SLEEP instruction is executed.
2:
Deep Sleep turns off the internal core voltage regulator to power down core logic. See Section 4.6 “Deep Sleep
Mode” for more information.
3:
Deep Sleep mode is only available on “F” devices, not “LF” devices.
Note:
Executing a SLEEP instruction does not
necessarily place the device into Sleep
mode. It acts as the trigger to place the
controller into either the Sleep or Deep
Sleep mode, or one of the Idle modes,
depending on the setting of the IDLEN bit.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn