Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 44 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 40Page - Microchip Technology PIC18LF26J53 Datasheet HTML 41Page - Microchip Technology PIC18LF26J53 Datasheet HTML 42Page - Microchip Technology PIC18LF26J53 Datasheet HTML 43Page - Microchip Technology PIC18LF26J53 Datasheet HTML 44Page - Microchip Technology PIC18LF26J53 Datasheet HTML 45Page - Microchip Technology PIC18LF26J53 Datasheet HTML 46Page - Microchip Technology PIC18LF26J53 Datasheet HTML 47Page - Microchip Technology PIC18LF26J53 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 44
Preliminary
 2010 Microchip Technology Inc.
REGISTER 3-3:
OSCCON2: OSCILLATOR CONTROL REGISTER 2 (ACCESS F87h)
U-0
R-0(2)
U-0
R/W-1
R/W-0(2)
R/W-1
U-0
U-0
SOSCRUN
SOSCDRV SOSCGO(3)
PRISD
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
SOSCRUN: SOSC Run Status bit
1 = System clock comes from secondary SOSC
0 = System clock comes from an oscillator other than SOSC
bit 5
Unimplemented: Read as ‘0’
bit 4
SOSCDRV: SOSC Drive Control bit
1 = T1OSC/SOSC oscillator drive circuit is selected by Configuration bits, CONFIG2L <4:3>
0 = Low-power T1OSC/SOSC circuit is selected
bit 3
SOSCGO: Oscillator Start Control bit(3)
1 = Turns on the oscillator, even if no peripherals are requesting it
0 = Oscillator is shut off unless peripherals are requesting it
bit 2
PRISD: Primary Oscillator Drive Circuit Shutdown bit
1 = Oscillator drive circuit is on
0 = Oscillator drive circuit is off (zero power)
bit 1-0
Unimplemented: Read as ‘0’
Note 1:
Reset value is ‘0’ when Two-Speed Start-up is enabled and ‘1’ if disabled.
2:
Default output frequency of INTOSC on Reset (4 MHz).
3:
When the SOSC is selected to run from a digital clock input, rather than an external crystal, this bit has no
effect.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn