Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18LF26J53 Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 39Page - Microchip Technology PIC18LF26J53 Datasheet HTML 40Page - Microchip Technology PIC18LF26J53 Datasheet HTML 41Page - Microchip Technology PIC18LF26J53 Datasheet HTML 42Page - Microchip Technology PIC18LF26J53 Datasheet HTML 43Page - Microchip Technology PIC18LF26J53 Datasheet HTML 44Page - Microchip Technology PIC18LF26J53 Datasheet HTML 45Page - Microchip Technology PIC18LF26J53 Datasheet HTML 46Page - Microchip Technology PIC18LF26J53 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 43
PIC18F47J53 FAMILY
The use of the flag and control bits in the OSCCON
register is discussed in more detail in Section 4.0
“Low-Power Modes”.
3.5.2
OSCILLATOR TRANSITIONS
PIC18F47J53 family devices contain circuitry to
prevent clock “glitches” when switching between clock
sources. A short pause in the device clock occurs dur-
ing the clock switch. The length of this pause is the sum
of two cycles of the old clock source and three to four
cycles of the new clock source. This formula assumes
that the new clock source is stable.
Clock transitions are discussed in more detail in
Section 4.1.2 “Entering Power-Managed Modes”.
Note 1: The Timer1 crystal driver is enabled by
setting the T1OSCEN bit in the Timer1
Control register (T1CON<3>). If the
Timer1 oscillator is not enabled, then any
attempt to select the Timer1 clock source
will be ignored, unless the CONFIG2L
register’s T1DIG bit is set.
2: If Timer1 is driving a crystal, it is recom-
mended that the Timer1 oscillator be
operating and stable prior to switching to
it as the clock source; otherwise, a very
long delay may occur while the Timer1
oscillator starts.
REGISTER 3-2:
OSCCON: OSCILLATOR CONTROL REGISTER (ACCESS FD3h)
R/W-0
R/W-1
R/W-1
R/W-0
R-1(1)
R-0
R/W-0
R/W-0
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
FLTS
SCS1
SCS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
IDLEN: Idle Enable bit
1 = Device enters Idle mode on SLEEP instruction
0 = Device enters Sleep mode on SLEEP instruction
bit 6-4
IRCF<2:0>: Internal Oscillator Frequency Select bits
111 = 8 MHz (INTOSC drives clock directly)
110 = 4 MHz(2)
101 = 2 MHz
100 = 1 MHz
011 = 500 kHz
010 = 250 kHz
001 = 125 kHz
000 = 31 kHz (from either INTOSC/256 or INTRC directly)(3)
bit 3
OSTS: Oscillator Start-up Time-out Status bit(1)
1 = Oscillator Start-up Timer time-out has expired; primary oscillator is running
0 = Oscillator Start-up Timer time-out is running; primary oscillator is not ready
bit 2
FLTS: Frequency Lock Tuning Status bit
1 = INTOSC is stable
0 = INTOSC is not stable
bit 1-0
SCS<1:0>: System Clock Select bits
11 = Postscaled internal clock (INTRC/INTOSC derived)
10 = Reserved
01 = Timer1 oscillator
00 = Primary clock source (INTOSC postscaler output when FOSC<2:0> = 001 or 000)
00 = Primary clock source (CPU divider output for other values of FOSC<2:0>)
Note 1:
Reset value is ‘0’ when Two-Speed Start-up is enabled and ‘1’ if disabled.
2:
Default output frequency of INTOSC on Reset (4 MHz).
3:
Source selected by the INTSRC bit (OSCTUNE<7>).


Similar Part No. - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF26J50 MICROCHIP-PIC18LF26J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18LF26J50I/MLQTP MICROCHIP-PIC18LF26J50I/MLQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/MLSQTP MICROCHIP-PIC18LF26J50I/MLSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTQTP MICROCHIP-PIC18LF26J50I/PTQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTSQTP MICROCHIP-PIC18LF26J50I/PTSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
More results

Similar Description - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F47J13 MICROCHIP-PIC18F47J13 Datasheet
4Mb / 558P
   28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F46J50-IPT MICROCHIP-PIC18F46J50-IPT Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
02/18/11
PIC18F46J11 MICROCHIP-PIC18F46J11_11 Datasheet
4Mb / 536P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J50 MICROCHIP-PIC18F46J50_11 Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J11 MICROCHIP-PIC18F46J11 Datasheet
8Mb / 528P
   28/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2009
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F2X MICROCHIP-PIC18F2X Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1824 MICROCHIP-PIC16F1824_11 Datasheet
3Mb / 419P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com