Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 36 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 32Page - Microchip Technology PIC18LF26J53 Datasheet HTML 33Page - Microchip Technology PIC18LF26J53 Datasheet HTML 34Page - Microchip Technology PIC18LF26J53 Datasheet HTML 35Page - Microchip Technology PIC18LF26J53 Datasheet HTML 36Page - Microchip Technology PIC18LF26J53 Datasheet HTML 37Page - Microchip Technology PIC18LF26J53 Datasheet HTML 38Page - Microchip Technology PIC18LF26J53 Datasheet HTML 39Page - Microchip Technology PIC18LF26J53 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 36
Preliminary
 2010 Microchip Technology Inc.
FIGURE 3-1:
PIC18F47J53 FAMILY CLOCK DIAGRAM
OSC1
OSC2
Primary Oscillator
CPU
Peripherals
IDLE
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
125 kHz
250 kHz
111
110
101
100
011
010
001
000
31 kHz
INTRC
31 kHz
Internal
Oscillator
Block
8 MHz
8 MHz
0
1
OSCTUNE<7>
PLLDIV<2:0>
 1
 2
 3
 6
USB Module
4 MHz
WDT, PWRT, FSCM
and Two-Speed Start-up
OSCCON<6:4>
PLLEN
1
0
FOSC2
1
0
96 MHz
PLL(1)
 2
1
0
FSEN
 8
1
0
 4
LS48MHZ
00
01
10
11
CPDIV<1:0>
(Note 2)
00
FOSC<2:1>
00
01
OSCCON<1:0>
11
 4
RA6
CLKO
Enabled Modes
Timer1 Clock(3)
Postscaled
Internal Clock
T1OSI
T1OSO
Secondary Oscillator
Clock
Needs 48 MHz for FS
Needs 6 MHz for LS
Note 1:
The PLL requires a 4 MHz input and it produces a 96 MHz output. The PLL will not be available until the PLLEN bit
in the OSCTUNE register is set. Once the PLLEN bit is set, the PLL requires up to trc to lock. During this time, the
device continues to be clocked at the PLL bypassed frequency.
2:
In order to use the USB module in Full-Speed mode, this node must be run at 48 MHz. For Low-Speed mode, this
node may be run at either 48 MHz or 24 MHz, but the CPDIV bits must be set such that the USB module is clocked
at 6 MHz.
3:
Selecting the Timer1 clock or postscaled internal clock will turn off the primary oscillator (unless required by the
reference clock of Section 3.6 “Reference Clock Output”) and PLL.
4:
The USB module cannot be used to communicate unless the primary clock source is selected.
 12
 10
 6
 5
 4
 3
 2
 1
000
001
010
011
100
101
110
111
48 MHz
Primary Clock
Source(4)
CFGPLLEN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn