Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 3 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18LF26J53 Datasheet HTML 1Page - Microchip Technology PIC18LF26J53 Datasheet HTML 2Page - Microchip Technology PIC18LF26J53 Datasheet HTML 3Page - Microchip Technology PIC18LF26J53 Datasheet HTML 4Page - Microchip Technology PIC18LF26J53 Datasheet HTML 5Page - Microchip Technology PIC18LF26J53 Datasheet HTML 6Page - Microchip Technology PIC18LF26J53 Datasheet HTML 7Page - Microchip Technology PIC18LF26J53 Datasheet HTML 8Page - Microchip Technology PIC18LF26J53 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 3
PIC18F47J53 FAMILY
Universal Serial Bus Features:
• USB V2.0 Compliant
• Low Speed (1.5 Mbps) and Full Speed (12 Mbps)
• Supports Control, Interrupt, Isochronous and Bulk
Transfers
• Supports up to 32 Endpoints (16 bidirectional)
• USB module can use any RAM Location on the
Device as USB Endpoint Buffers
• On-Chip USB Transceiver with Crystal-Less Operation
Power Management with nanoWatt XLP
• Deep Sleep mode: CPU off, Peripherals off, Currents
Down to 13 nA and 850 nA with RTCC
- Able to wake-up on external triggers,
programmable WDT or RTCC alarm
- Ultra Low-Power Wake-up (ULPWU)
• Sleep mode: CPU off, Peripherals off, SRAM on,
Fast Wake-up, Currents Down to 105 nA Typical
• Idle: CPU off, Peripherals on, Currents Down to
2.3
A Typical
• Run: CPU on, Peripherals on, Currents Down to
6.2
A Typical
• Timer1 Oscillator w/RTCC: 1 μA, 32 kHz Typical
• Watchdog Timer: 0.8 μA, 2V Typical
Special Microcontroller Features:
• 5.5V Tolerant Inputs (digital-only pins)
• Low-Power, High-Speed CMOS Flash Technology
• C Compiler Optimized Architecture for Re-Entrant Code
• Priority Levels for Interrupts
• Self-Programmable under Software Control
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via Two Pins
• In-Circuit Debug with Three Breakpoints via Two Pins
• Operating Voltage Range of 2.0V to 3.6V
• On-Chip 2.5V Regulator
• Flash Program Memory of 10,000 Erase/Write
Cycles Minimum and 20-Year Data Retention
Flexible Oscillator Structure:
• High-Precision PLL for USB
• Two External Clock modes, up to 48 MHz (12 MIPS)
• Internal, 31-kHz Oscillator
• High-Precision, Internal Oscillator for USB, 31 kHz to
8 MHz or 48 MHz w/PLL, ±.15% Typical, ±1% Max
• Secondary Oscillator using Timer1 at 32 kHz
• Fail-Safe Clock Monitor (FSCM):
- Allows for safe shutdown if any clock stops
• Programmable Reference Clock Output Generator
Peripheral Highlights:
• Peripheral Pin Select:
- Allows independent I/O mapping of many peripherals
- Continuous hardware integrity checking and safety
interlocks prevent unintentional configuration changes
• Hardware Real-Time Clock/Calendar (RTCC):
- Provides clock, calendar and alarm functions
• High-Current Sink/Source 25 mA/25mA
(PORTB and PORTC)
• Four Programmable External Interrupts
• Four Input Change Interrupts
• Three Enhanced Capture/Compare/PWM (ECCP) modules:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and auto-restart
- Pulse steering control
• Seven Capture/Compare/PWM (CCP) modules
• Two Master Synchronous Serial Port (MSSP)
modules Supporting Three-Wire SPI (all four modes)
and I2C™ Master and Slave modes
Eight-Bit Parallel Master Port/Enhanced Parallel
Slave Port
Three Analog Comparators with Input Multiplexing
10/12-Bit Analog-to-Digital (A/D) Converter
module:
-
Up to 13 input channels
-
Auto-acquisition capability
-
Conversion available during Sleep
High/Low-Voltage Detect module
Charge Time Measurement Unit (CTMU):
-
Supports capacitive touch sensing for touch
screens and capacitive switches
-
Provides precise resolution time measure-
ment for flow measurement and simple tem-
perature sensing
Two Enhanced USART modules:
-
Supports RS-485, RS-232 and LIN/J2602
-
Auto-wake-up on Start bit
-
Auto-Baud Detect (ABD)
28/44-Pin, High-Performance USB MCUs with nanoWatt XLP Technology


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn