![]() |
Electronic Components Datasheet Search |
|
PIC18LF26J53 Datasheet(PDF) 28 Page - Microchip Technology |
|
PIC18LF26J53 Datasheet(HTML) 28 Page - Microchip Technology |
28 / 586 page ![]() PIC18F47J53 FAMILY DS39964B-page 28 Preliminary 2010 Microchip Technology Inc. PORTD is a bidirectional I/O port. RD0/PMD0/SCL2 RD0 PMD0 SCL2 38(3) 38(3) I/O I/O I/O ST/DIG ST/TTL/ DIG I2C Digital I/O. Parallel Master Port data. I2C™ data input/output. RD1/PMD1/SDA2 RD1 PMD1 SDA2 39(3) 39(3) I/O I/O I/O ST/DIG ST/TTL/ DIG I2C Digital I/O. Parallel Master Port data. I2C data input/output. RD2/PMD2/RP19 RD2 PMD2 RP19 40(3) 40(3) I/O I/O I/O ST/DIG ST/TTL/ DIG ST/DIG Digital I/O. Parallel Master Port data. Remappable Peripheral Pin 19 input/output. RD3/PMD3/RP20 RD3 PMD3 RP20 41(3) 41(3) I/O I/O I/O ST/DIG ST/TTL/ DIG ST/DIG Digital I/O. Parallel Master Port data. Remappable Peripheral Pin 20 input/output. RD4/PMD4/RP21 RD4 PMD4 RP21 2(3) 2(3) I/O I/O I/O ST/DIG ST/TTL/ DIG ST/DIG Digital I/O. Parallel Master Port data. Remappable Peripheral Pin 21 input/output. RD5/PMD5/RP22 RD5 PMD5 RP22 3(3) 3(3) I/O I/O I/O ST/DIG ST/TTL/ DIG ST/DIG Digital I/O. Parallel Master Port data. Remappable Peripheral Pin 22 input/output. RD6/PMD6/RP23 RD6 PMD6 RP23 4(3) 4(3) I/O I/O I/O ST/DIG ST/TTL/ DIG ST/DIG Digital I/O. Parallel Master Port data. Remappable Peripheral Pin 23 input/output. RD7/PMD7/RP24 RD7 PMD7 RP24 5(3) 5(3) I/O I/O I/O ST/DIG ST/TTL/ DIG ST/DIG Digital I/O. Parallel Master Port data. Remappable Peripheral Pin 24 input/output. TABLE 1-4: PIC18F4XJ53 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description 44- QFN 44- TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open-Drain (no P diode to VDD) DIG = Digital output I2C™ = Open-Drain, I2C specific Note 1: RA7 and RA6 will be disabled if OSC1 and OSC2 are used for the clock function. 2: Available only on 44-pin devices (PIC18F46J53, PIC18F47J53, PIC18LF46J53 and PIC18LF47J53). 3: 5.5V tolerant. |
|