Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 24 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 20Page - Microchip Technology PIC18LF26J53 Datasheet HTML 21Page - Microchip Technology PIC18LF26J53 Datasheet HTML 22Page - Microchip Technology PIC18LF26J53 Datasheet HTML 23Page - Microchip Technology PIC18LF26J53 Datasheet HTML 24Page - Microchip Technology PIC18LF26J53 Datasheet HTML 25Page - Microchip Technology PIC18LF26J53 Datasheet HTML 26Page - Microchip Technology PIC18LF26J53 Datasheet HTML 27Page - Microchip Technology PIC18LF26J53 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 24
Preliminary
 2010 Microchip Technology Inc.
PORTB is a bidirectional I/O port. PORTB can be
software programmed for internal weak pull-ups on
all inputs.
RB0/AN12/C3IND/INT0/RP3
RB0
AN12
C3IND
INT0
RP3
98
I/O
I
I
I
I/O
TTL/DIG
Analog
Analog
ST
ST/DIG
Digital I/O.
Analog Input 12.
Comparator 3 Input D.
External Interrupt 0.
Remappable Peripheral Pin 3 input/output.
RB1/AN10/C3INC/PMBE/RTCC/
RP4
RB1
AN10
C3INC
PMBE(2)
RTCC
RP4
10
9
I/O
I
I
O
O
I/O
TTL/DIG
Analog
Analog
DIG
DIG
ST/DIG
Digital I/O.
Analog Input 10.
Comparator 3 Input C.
Parallel Master Port byte enable.
Asynchronous serial transmit data output.
Remappable Peripheral Pin 4 input/output.
RB2/AN8/C2INC/CTED1/PMA3/
VMO/REFO/RP5
RB2
AN8
C2INC
CTED1
PMA3(2)
VMO
REFO
RP5
11
10
I/O
I
I
I
O
O
O
I/O
TTL/DIG
Analog
Analog
ST
DIG
DIG
DIG
ST/DIG
Digital I/O.
Analog Input 8.
Comparator 2 Input C.
CTMU Edge 1 input.
Parallel Master Port address.
External USB Transceiver D- data output.
Reference output clock.
Remappable Peripheral Pin 5 input/output.
RB3/AN9/C3INA/CTED2/PMA2/
VPO/RP6
RB3
AN9
C3INA
CTED2
PMA2(2)
VPO
RP6
12
11
I/O
I
I
I
O
O
I/O
TTL/DIG
Analog
Analog
ST
DIG
DIG
ST/DIG
Digital I/O.
Analog Input 9.
Comparator 3 Input A.
CTMU Edge 2 input.
Parallel Master Port address.
External USB Transceiver D+ data output.
Remappable Peripheral Pin 6 input/output.
TABLE 1-4:
PIC18F4XJ53 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
44-
QFN
44-
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
DIG = Digital output
I2C™
= Open-Drain, I2C specific
Note 1:
RA7 and RA6 will be disabled if OSC1 and OSC2 are used for the clock function.
2:
Available only on 44-pin devices (PIC18F46J53, PIC18F47J53, PIC18LF46J53 and PIC18LF47J53).
3:
5.5V tolerant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn