Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F66J93 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F66J93
Description  64/80-Pin, High-Performance Microcontrollers with LCD Driver, 12-Bit A/D and nanoWatt Technology
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F66J93 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F66J93 Datasheet HTML 7Page - Microchip Technology PIC18F66J93 Datasheet HTML 8Page - Microchip Technology PIC18F66J93 Datasheet HTML 9Page - Microchip Technology PIC18F66J93 Datasheet HTML 10Page - Microchip Technology PIC18F66J93 Datasheet HTML 11Page - Microchip Technology PIC18F66J93 Datasheet HTML 12Page - Microchip Technology PIC18F66J93 Datasheet HTML 13Page - Microchip Technology PIC18F66J93 Datasheet HTML 14Page - Microchip Technology PIC18F66J93 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39948A-page 9
PIC18F87J93 FAMILY
FIGURE 1-1:
PIC18F6XJ93 (64-PIN) BLOCK DIAGRAM
Instruction
Decode and
Control
PORTA
Data Latch
Data Memory
(2.0, 3.9
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
4
12
4
PCH
PCL
PCLATH
8
31-Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
Address Latch
Program Memory
(96 Kbytes)
Data Latch
20
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
PCLATU
PCU
Note
1:
See Table 1-3 for I/O port pin descriptions.
2:
RA6 and RA7 are only available as digital I/Os in select oscillator modes.
3:
Brown-out Reset and Low-Voltage Detect functions are provided when the on-board voltage regulator is enabled.
AUSART
Comparators
MSSP
Timer3
Timer2
CTMU
Timer1
CCP2
ADC
12-Bit
W
Instruction Bus <16>
STKPTR
Bank
8
State Machine
Control Signals
Decode
8
8
EUSART
ROM Latch
LCD
PORTC
PORTD
PORTE
PORTF
PORTG
RA0:RA7(1,2)
RC0:RC7(1)
RD0:RD7(1)
RE0:RE1,
RF1:RF7(1)
RG0:RG4(1)
PORTB
RB0:RB7(1)
OSC1/CLKI
OSC2/CLKO
VDD,
Timing
Generation
VSS
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
BOR and
LVD(3)
Precision
Reference
Band Gap
INTRC
Oscillator
Regulator
Voltage
VDDCORE/VCAP
ENVREG
Kbytes)
Driver
8 MHz
Oscillator
RE3:RE7(1)
Timer0
CCP1
RTCC


Similar Part No. - PIC18F66J93

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F66J90 MICROCHIP-PIC18F66J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F66J94 MICROCHIP-PIC18F66J94 Datasheet
10Mb / 696P
   8-Bit LCD Flash Microcontroller with USB and XLP Technology
11/29/11
PIC18F66J99 MICROCHIP-PIC18F66J99 Datasheet
10Mb / 696P
   8-Bit LCD Flash Microcontroller with USB and XLP Technology
11/29/11
More results

Similar Description - PIC18F66J93

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F87J90 MICROCHIP-PIC18F87J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6393 MICROCHIP-PIC18F6393_09 Datasheet
1,000Kb / 58P
   64/80-Pin High Performance, Flash Microcontrollers with LCD Driver, 12-Bit ADC and nanoWatt Technology
2009
PIC18F87K90 MICROCHIP-PIC18F87K90 Datasheet
4Mb / 566P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F87K22 MICROCHIP-PIC18F87K22 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com