Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6N7002BFE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM6N7002BFE
Description  High-Speed Switching Applications Analog Switch Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6N7002BFE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM6N7002BFE Datasheet HTML 1Page - Toshiba Semiconductor SSM6N7002BFE Datasheet HTML 2Page - Toshiba Semiconductor SSM6N7002BFE Datasheet HTML 3Page - Toshiba Semiconductor SSM6N7002BFE Datasheet HTML 4Page - Toshiba Semiconductor SSM6N7002BFE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM6N7002BFE
2009-11-27
3
(Q1, Q2 Common)
300
RDS (ON) – ID
Drain current ID (mA)
10
30
0
100
1000
5
1
VGS = 10 V
5.0 V
4.5 V
4
3
2
Common Source
Ta = 25°C
Ambient temperature Ta (°C)
RDS (ON) – Ta
0
−50
0
50
150
100
5
2
Common Source
ID = 500 mA / VGS = 10 V
100 mA / 4.5 V
100 mA / 5.0V
4
3
1
Ambient temperature Ta (°C)
Vth – Ta
3.0
0
−50
0
150
2.0
50
100
1.0
Common Source
VDS = 10 V
ID = 0.25 mA
Gate–source voltage VGS (V)
ID – VGS
1000
0
10
100
0.1
1
0.01
5.0
4.0
-25 °C
2.0
3.0
1.0
Common Source
VDS = 10 V
25 °C
Ta = 100 °C
Drain–source voltage VDS (V)
ID – VDS
0
400
0
0.4
0.8
1.2
2.0
200
1.6
600
800
10 V
Common Source
Ta = 25 °C
7.0 V
3.5 V
VGS = 3.3 V
4.5 V
1000
5.0 V
4.0 V
0
10
Gate–source voltage VGS (V)
0
RDS (ON) – VGS
20
2
25 °C
5
Ta = 100 °C
-25 °C
ID = 100 mA
Common Source
Ta = 25°C
4
3
1


Similar Part No. - SSM6N7002BFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N7002BFU TOSHIBA-SSM6N7002BFU Datasheet
186Kb / 5P
   High-Speed Switching Applications Analog Switch Applications
logo
VBsemi Electronics Co.,...
SSM6N7002BFU VBSEMI-SSM6N7002BFU Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SSM6N7002BFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K35MFV TOSHIBA-SSM3K35MFV Datasheet
205Kb / 5P
   High-Speed Switching Applications Analog Switch Applications
SSM6L35FE TOSHIBA-SSM6L35FE Datasheet
225Kb / 8P
   High-Speed Switching Applications Analog Switch Applications
SSM6N16FU TOSHIBA-SSM6N16FU Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM5N15FE TOSHIBA-SSM5N15FE Datasheet
150Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM6N37FU TOSHIBA-SSM6N37FU Datasheet
200Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM3K16FVTL3T TOSHIBA-SSM3K16FVTL3T Datasheet
94Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM6N7002FUTE85LF TOSHIBA-SSM6N7002FUTE85LF Datasheet
178Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM6N7002FU TOSHIBA-SSM6N7002FU Datasheet
158Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM6N17FU TOSHIBA-SSM6N17FU Datasheet
125Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM3K16TE TOSHIBA-SSM3K16TE Datasheet
136Kb / 5P
   High Speed Switching Applications Analog Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com