Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6N37CTD Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM6N37CTD
Description  Power Management Switch Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6N37CTD Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM6N37CTD Datasheet HTML 1Page - Toshiba Semiconductor SSM6N37CTD Datasheet HTML 2Page - Toshiba Semiconductor SSM6N37CTD Datasheet HTML 3Page - Toshiba Semiconductor SSM6N37CTD Datasheet HTML 4Page - Toshiba Semiconductor SSM6N37CTD Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM6N37CTD
2009-08-11
2
Electrical Characteristics (Ta = 25°C) (Q1, Q2 Common)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
V (BR) DSS
ID = 1 mA, VGS = 0 V
20
Drain-source breakdown voltage
V (BR) DSX
ID = 1 mA, VGS = -10 V
12
V
Drain cutoff current
IDSS
VDS = 20 V, VGS = 0 V
1
μA
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
±1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 1 mA
0.35
1.0
V
Forward transfer admittance
|Yfs|
VDS = 3 V, ID = 100 mA
(Note 2)
0.14
0.28
S
ID = 100 mA, VGS = 4.5 V (Note 2)
1.65
2.20
ID = 50 mA, VGS = 2.5 V
(Note 2)
2.16
3.02
ID = 20 mA, VGS = 1.8 V
(Note 2)
2.66
4.05
Drain-source ON-resistance
RDS (ON)
ID = 10 mA, VGS = 1.5 V
(Note 2)
3.07
5.60
Ω
Input capacitance
Ciss
12
Output capacitance
Coss
5.5
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0 V, f = 1 MHz
4.1
pF
Turn-on time
ton
18
Switching time
Turn-off time
toff
VDD = 10 V, ID = 100 mA
VGS = 0 to 2.5 V, RG = 50 Ω
36
ns
Drain-source forward voltage
VDSF
ID = -250 mA, VGS = 0 V (Note 2)
-0.9
-1.2
V
Note 2: Pulse test
Switching Time Test Circuit (Q1, Q2 Common)
Precaution
Let Vth be the voltage applied between gate and source that causes the drain current (ID) to be low (1mA for the
SSM6N37CTD). Then, for normal switching operation, VGS(on) must be higher than Vth, and VGS(off) must be lower than
Vth. This relationship can be expressed as: VGS(off) < Vth < VGS(on).
Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is
protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that
come into direct contact with devices should be made of antistatic materials.
(c) VOUT
2.5 V
ton
toff
0 V
VDD
VDS (ON)
tr
tf
10%
90%
90%
10%
(a) Test Circuit
VDD = 10 V
RG = 50 Ω
D.U.
≤ 1%
VIN: tr, tf < 5 ns
Common Source
Ta
= 25°C
0
2.5 V
IN
OUT
VDD
10
μs
(b) VIN


Similar Part No. - SSM6N37CTD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N37FU TOSHIBA-SSM6N37FU Datasheet
200Kb / 5P
   High Speed Switching Applications Analog Switch Applications
More results

Similar Description - SSM6N37CTD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K123TU TOSHIBA-SSM3K123TU Datasheet
161Kb / 6P
   Power Management Switch Applications
SSM6J412TU TOSHIBA-SSM6J412TU Datasheet
212Kb / 6P
   Power Management Switch Applications
logo
Zhaoxingwei Electronics...
CSD25310Q2 ZHAOXINGWEI-CSD25310Q2 Datasheet
288Kb / 5P
   Power Management Switch Applications
logo
Toshiba Semiconductor
SSM3J306T TOSHIBA-SSM3J306T Datasheet
168Kb / 6P
   Power management switch Applications
SSM3K104TU TOSHIBA-SSM3K104TU Datasheet
144Kb / 5P
   Power Management Switch Applications
SSM3K302T TOSHIBA-SSM3K302T Datasheet
170Kb / 6P
   Power Management Switch Applications
SSM6L14FE TOSHIBA-SSM6L14FE Datasheet
240Kb / 9P
   Power Management Switch Applications
SSM6P47NU TOSHIBA-SSM6P47NU Datasheet
186Kb / 6P
   Power Management Switch Applications
SSM6L39TU TOSHIBA-SSM6L39TU Datasheet
266Kb / 9P
   Power Management Switch Applications
SSM6L40TU TOSHIBA-SSM6L40TU Datasheet
265Kb / 9P
   Power Management Switch Applications
SSM6P39TU TOSHIBA-SSM6P39TU Datasheet
210Kb / 7P
   Power Management Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com