Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM1-12 Datasheet(PDF) 2 Page - CUI INC

Part # NDM1-12
Description  DIGITAL DC-DC POL CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM1-12 Datasheet(HTML) 2 Page - CUI INC

  NDM1-12 Datasheet HTML 1Page - CUI INC NDM1-12 Datasheet HTML 2Page - CUI INC NDM1-12 Datasheet HTML 3Page - CUI INC NDM1-12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
06/2010
2 of 4
DIGITAL DC-DC POL CONVERTER
NDM1-12
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.novumdigital.com
Preliminary: Specifications subject to change
For a detailed specification, please contact CUI
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage adjustment range1
set using PMBus
0.6
2.5
V
voltage accuracy
1
%nom
current range
012
A
line regulation
V
IN = 8.5 ~ 14 V
-1
1
%
load regulation
V
IN = 12 V
-1
1
%
voltage monitoring accuracy
-1
1
%
temp. monitoring accuracy
-5
5
°C
SENSE+ input bias current
SENSE+ = 4V
864
1,000
1,185
μA
SENSE- input bias current
SENSE- = 0.1V
20
25
30
μA
ramp-up time
0.5
147.5
ms
ON time delay range
0
1,000
ms
start-up time
50
ms
load transient voltage deviation
-45/33
mV
load transient recovery time
V
IN = 12 V, CO = 470 μF, VO = 1 V
150
μs
recommended minimum
output capacitor
470
μF
voltage ripple
8
25
mVp-p
voltage margin range1
-20
5
20
%
INPUT / SUPPLY
parameter
conditions/description
min
nom
max
units
voltage
8.5
12
14
V
idle current
sysgood, no output, V
IN = 12 V
50
mA
UVLO turn-on threshold
7.5
8.7
V
UVLO turn-off threshold
7.5
8.1
V
voltage monitoring accuracy
-50
50
mV
current monitoring accuracy
-8
8
%
GENERAL / POWER / EFFICIENCY
parameter
conditions/description
min
nom
max
units
output power
030
W
efficiency
V
IN = 12 V, VO = 1 V, 50% of maximum IO
V
IN = 12 V, VO = 1 V, maximum IO
V
IN = 12 V, VO = 2.5 V, 50% of maximum IO
V
IN = 12 V, VO = 2.5 V, maximum IO
92.2
89.0
94.9
93.4
%
%
%
%
idle power
sysgood, no output, V
IN = 12 V
0.6
W
switching frequency2
375
500
kHz
2. Factory default set to 500 kHz
1.Voltage absolute maximum of 2.8 V


Similar Part No. - NDM1-12

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM1-12

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDY-T MURATA-PS-OKDY-T Datasheet
1Mb / 41P
   50A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDL-T MURATA-PS-OKDL-T Datasheet
1Mb / 31P
   12A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com