Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17127ETP+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17127ETP+
Description  Six-String WLED Driver with Integrated Step-Up Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17127ETP+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17127ETP+ Datasheet HTML 2Page - Maxim Integrated Products MAX17127ETP+ Datasheet HTML 3Page - Maxim Integrated Products MAX17127ETP+ Datasheet HTML 4Page - Maxim Integrated Products MAX17127ETP+ Datasheet HTML 5Page - Maxim Integrated Products MAX17127ETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX17127ETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX17127ETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX17127ETP+ Datasheet HTML 9Page - Maxim Integrated Products MAX17127ETP+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6 ______________________________________________________________________________________
Six-String WLED Driver with Integrated
Step-Up Converter
Typical Operating Characteristics (continued)
(Circuit of Figure 1. VIN = 12V, TA = +25NC, unless otherwise noted.)
LED CURRENT vs. BRIGHTNESS SETTING
PWM DUTY CYCLE (%)
80
60
40
20
5
10
15
20
0
0
100
fPWM = 200Hz
LED CURRENT (ILED = 20mA AT 100% BRIGHTNESS)
vs. INPUT VOLTAGE (VS)
INPUT VOLTAGE (V)
23
20
17
14
11
8
20.05
20.10
20.15
20.20
20.00
5
26
LED CURRENT (ILED = 20mA AT 10% BRIGHTNESS)
vs. INPUT VOLTAGE (VS)
INPUT VOLTAGE (V)
23
20
17
14
11
8
1.98
2.00
2.02
2.04
1.96
5
26
IN QUIESCENT CURRENT
vs. IN VOLTAGE
IN VOLTAGE (V)
23
20
17
14
11
7
1
2
3
4
5
6
0
5
26
100% BRIGHTNESS
200Hz/1% BRIGHTNESS
IN SHUTDOWN CURRENT
vs. IN VOLTAGE
IN VOLTAGE (V)
23
20
17
14
11
8
2
4
6
8
10
0
5
26
EN = LOW
SWITCHING WAVEFORMS
(VS = 5V, BRIGHTNESS = 100%)
MAX17127 toc08
1µs/div
VLX
20V/div
0mA
500mA/div
INDUCTOR
CURRENT
0V
VOUT = 32V, IOUT = 120mA


Similar Part No. - MAX17127ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1712 MAXIM-MAX1712 Datasheet
437Kb / 28P
   High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
MAX17120 MAXIM-MAX17120 Datasheet
1Mb / 4P
   Three High-Voltage, Level-Shifting Scan Drivers
Rev 0; 8/09
MAX17120 MAXIM-MAX17120 Datasheet
38Kb / 5P
   120 SAN GABRIEL DR. SUNNYVALE, CA 94086
2009
MAX17120EVKIT MAXIM-MAX17120EVKIT Datasheet
1Mb / 4P
   Three High-Voltage, Level-Shifting Scan Drivers
Rev 0; 8/09
MAX17120EVKIT++ MAXIM-MAX17120EVKIT+ Datasheet
1Mb / 4P
   Three High-Voltage, Level-Shifting Scan Drivers
Rev 0; 8/09
More results

Similar Description - MAX17127ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
MAX17129 MAXIM-MAX17129 Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17129ETE MAXIM-MAX17129ETE Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
logo
Monolithic Power System...
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com