Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17117ETJ+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17117ETJ+
Description  Internal-Switch Boost Regulator with Integrated 7-Channel Scan Driver, Op Amp, and LDO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17117ETJ+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17117ETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX17117ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX17117ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX17117ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX17117ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX17117ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX17117ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX17117ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX17117ETJ+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Internal-Switch Boost Regulator with Integrated
7-Channel Scan Driver, Op Amp, and LDO
_______________________________________________________________________________________ 7
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
STEP-UP REGULATOR EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
100
10
50
60
70
80
90
100
40
1
1000
VIN = 5.0V
VIN = 3.0V
VIN = 2.3V
VMAIN = 8.5V
STEP-UP REGULATOR LINE REGULATION
vs. INPUT VOLTAGE
IN VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
2.7
0.05
0.10
IMAIN = 200mA
IMAIN = 0mA
0.15
0.20
0.25
0
2.3
5.5
LOAD CURRENT (mA)
100
10
1
1000
STEP-UP REGULATOR OUTPUT LOAD
REGULATION vs. LOAD CURRENT
-0.40
-0.30
-0.20
-0.10
0
0.10
-0.50
VIN = 5.0V
VIN = 2.3V
VIN = 3.0V
STEP-UP CONVERTER PEAK INDUCTOR
CURRENT LIMIT vs. RENA
RENA (kI)
200
150
100
50
1.0
1.5
VIN = 3.3V
VMAIN = 8.5V
VLDO = 2.5V
L1 = 10µH
2.0
2.5
3.0
0.5
0
250
STEP-UP REGULATOR LOAD-TRANSIENT
RESPONSE (20mA TO 300mA)
MAX17117 toc05
INDUCTOR
CURRENT
1A/div
VMAIN
(AC-COUPLED)
200mV/div
IMAIN
200mA/div
20mA
L1 = 10µH
RCOMP = 56.2kI
CCOMP = 1000pF
VLX
10V/div
0V
0V
0A
100µs/div
STEP-UP REGULATOR PULSED
LOAD-TRANSIENT RESPONSE (20mA TO 1A)
MAX17117 toc06
INDUCTOR
CURRENT
500mA/div
VMAIN
(AC-COUPLED)
100mV/div
IMAIN
1A/div
20mA
L1 = 10µH
RCOMP = 56.2kI
CCOMP = 1000pF
VLX
10V/div
0V
0V
0A
10µs/div
LOAD CURRENT (mA)
100
10
1
1000
LDO OUTPUT LOAD REGULATION
vs. LOAD CURRENT
-0.40
-0.30
-0.20
-0.10
0
0.10
-0.50
VIN = 3.0V
VIN = 5.0V


Similar Part No. - MAX17117ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17117EVKIT MAXIM-MAX17117EVKIT Datasheet
731Kb / 10P
   High-Voltage Level-Shifting Scan Driver with Gate-Shading Control
Rev 0; 4/10
MAX17117EVKIT++ MAXIM-MAX17117EVKIT+ Datasheet
731Kb / 10P
   High-Voltage Level-Shifting Scan Driver with Gate-Shading Control
Rev 0; 4/10
More results

Similar Description - MAX17117ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX8798 MAXIM-MAX8798 Datasheet
594Kb / 30P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
Rev 0; 9/07
MAX8798 MAXIM-MAX8798_V01 Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
MAX17010 MAXIM-MAX17010 Datasheet
283Kb / 17P
   Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
logo
Silicon Mitus, Inc.
SM6751Q SILICONMITUS-SM6751Q Datasheet
214Kb / 2P
   Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp
October 2021 Rev. 0.9.0
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075 MAXIM-MAX17075_12 Datasheet
605Kb / 23P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
logo
Silicon Mitus, Inc.
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
SM2001 SILICONMITUS-SM2001 Datasheet
267Kb / 1P
   4 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
logo
Eutech Microelectronics...
EUP2644 EUTECH-EUP2644 Datasheet
105Kb / 1P
   TFT LCD DC-DC Converter with Integrated LDO, OP-AMP and GPM Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com