Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB521ZS8A30 Datasheet(PDF) 1 Page - Rohm

Part # RB521ZS8A30
Description  Schottky Barrier Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB521ZS8A30 Datasheet(HTML) 1 Page - Rohm

  RB521ZS8A30 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Copyright © 1997-2010 ROHM CO.,LTD.
Outline
1.6x0.8(t=0.3)
Dimensions
Equivalent circuit diagram
[ Product description ]
ROHM's schottky barrier diodes are low VF, low IR and high ESD resistant,
suitable for PC,mobile phone and various portable electronics.
EUltra-small mold type.
EMulti-diodes package.
Features
Product specifications
Absolute maximum ratings (Ta=25ºC)
Rated parameters
Standard value
Conditions
Repetitive peak reverse voltage V
RM(V)
30
Reverse voltage(DC) V
R(V)
30
Average rectified forward current I
O(A)
0.1
Forward current surge peak I
FSM(A)
0.5 60Hz/1cyc
Junction temperature Tj(ºC)
150
Storage temperature Tstg(ºC)
-55 to +150
*The contents described here are just outline for introduction.
Please obtain the specification sheets from us for thorough check before use.
Schottky Barrier Diodes
RB521ZS8A30
Page 1 of 1
RB521ZS8A30 | Schottky Barrier Diodes | Discrete Semiconductors | ROHM CO., LTD.
6/17/2010
http://www.rohm.com/products/discrete/diode/schottky_barrier/rb521zs8a30/print.html


Similar Part No. - RB521ZS8A30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB521ZS8A30 ROHM-RB521ZS8A30 Datasheet
1Mb / 8P
   Schottky Barrier Diode
RB521ZS8A30 ROHM-RB521ZS8A30_16 Datasheet
1Mb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB521ZS8A30

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com