Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16046A Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # MAX16046A
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16046A Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button MAX16046A Datasheet HTML 36Page - Maxim Integrated Products MAX16046A Datasheet HTML 37Page - Maxim Integrated Products MAX16046A Datasheet HTML 38Page - Maxim Integrated Products MAX16046A Datasheet HTML 39Page - Maxim Integrated Products MAX16046A Datasheet HTML 40Page - Maxim Integrated Products MAX16046A Datasheet HTML 41Page - Maxim Integrated Products MAX16046A Datasheet HTML 42Page - Maxim Integrated Products MAX16046A Datasheet HTML 43Page - Maxim Integrated Products MAX16046A Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
40
______________________________________________________________________________________
Faults
The MAX16046A/MAX16048A monitor the input (MON_)
channels and compare the results with an overvoltage
threshold, an undervoltage threshold, and a selectable
overvoltage or undervoltage early warning threshold.
Based on these conditions, the MAX16046A/
MAX16048A can assert various fault outputs and save
specific information about the channel conditions and
voltages into the nonvolatile EEPROM. Once a critical
fault event occurs, the failing channel condition, ADC
conversions at the time of the fault, or both may be
saved by configuring the event logger. The event log-
ger records a single failure in the internal EEPROM and
sets a lock bit which protects the stored fault data from
accidental erasure on a subsequent power-up.
The MAX16046A/MAX16048A are capable of measur-
ing overvoltage and undervoltage fault events. Fault
conditions are detected at the end of each ADC con-
version. An overvoltage event occurs when the voltage
at a monitored input exceeds the overvoltage threshold
for that input. An undervoltage fault occurs when the
voltage at a monitored input falls below the undervolt-
age threshold. Fault thresholds are set in registers r23h
to r46h as shown in Table 21. Disabled inputs are not
monitored for fault conditions and are skipped over by
the input multiplexer. Only the upper 8 bits of a conver-
sion result are compared with the programmed fault
thresholds. Inputs not assigned to a sequencing slot
are not monitored for fault conditions but are still
recorded in the ADC results registers.
The general-purpose inputs/outputs (GPIO1–GPIO6)
can be configured as Any_Fault outputs or dedicated
FAULT1 and FAULT2 outputs to indicate fault condi-
tions. These fault outputs are not masked by the critical
fault enable bits shown in Table 23. See the
General-
Purpose Inputs/Outputs section for more information on
configuring GPIOs as fault outputs.
Table 21. Fault Thresholds
REGISTER/
EEPROM ADDRESS
DESCRIPTION
23h
MON1 Early Warning Threshold
24h
MON1 Overvoltage Threshold
25h
MON1 Undervoltage Threshold
26h
MON2 Early Warning Threshold
27h
MON2 Overvoltage Threshold
28h
MON2 Undervoltage Threshold
29h
MON3 Early Warning Threshold
2Ah
MON3 Overvoltage Threshold
2Bh
MON3 Undervoltage Threshold
2Ch
MON4 Early Warning Threshold
2Dh
MON4 Overvoltage Threshold
2Eh
MON4 Undervoltage Threshold
2Fh
MON5 Early Warning Threshold
30h
MON5 Overvoltage Threshold
31h
MON5 Undervoltage Threshold
32h
MON6 Early Warning Threshold
33h
MON6 Overvoltage Threshold
34h
MON6 Undervoltage Threshold
REGISTER/
EEPROM ADDRESS
DESCRIPTION
35h
MON7 Early Warning Threshold
36h
MON7 Overvoltage Threshold
37h
MON7 Undervoltage Threshold
38h
MON8 Early Warning Threshold
39h
MON8 Overvoltage Threshold
3Ah
MON8 Undervoltage Threshold
3Bh
MON9 Early Warning Threshold*
3Ch
MON9 Overvoltage Threshold*
3Dh
MON9 Undervoltage Threshold*
3Eh
MON10 Early Warning Threshold*
3Fh
MON10 Overvoltage Threshold*
40h
MON10 Undervoltage Threshold*
41h
MON11 Early Warning Threshold*
42h
MON11 Overvoltage Threshold*
43h
MON11 Undervoltage Threshold*
44h
MON12 Early Warning Threshold*
45h
MON12 Overvoltage Threshold*
46h
MON12 Undervoltage Threshold*
*
MAX16046A only


Similar Part No. - MAX16046A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046 MAXIM-MAX16046 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16046 MAXIM-MAX16046 Datasheet
1Mb / 25P
   On-Board LDO Regulators and Tracking FETs
Rev 1; 3/09
MAX16046ECB++ MAXIM-MAX16046ECB+ Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16046ETN++ MAXIM-MAX16046ETN+ Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
More results

Similar Description - MAX16046A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com