Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15024AATB+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15024AATB+
Description  Single/Dual, 16ns, High Sink/source Current Gate Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15024AATB+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15024AATB+ Datasheet HTML 1Page - Maxim Integrated Products MAX15024AATB+ Datasheet HTML 2Page - Maxim Integrated Products MAX15024AATB+ Datasheet HTML 3Page - Maxim Integrated Products MAX15024AATB+ Datasheet HTML 4Page - Maxim Integrated Products MAX15024AATB+ Datasheet HTML 5Page - Maxim Integrated Products MAX15024AATB+ Datasheet HTML 6Page - Maxim Integrated Products MAX15024AATB+ Datasheet HTML 7Page - Maxim Integrated Products MAX15024AATB+ Datasheet HTML 8Page - Maxim Integrated Products MAX15024AATB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX15024/MAX15025 single/dual, high-speed
MOSFET gate drivers are capable of operating at fre-
quencies up to 1MHz with large capacitive loads. The
MAX15024 includes internal source-and-sink output
transistors with independent outputs allowing for control
of the external MOSFET’s rise and fall time. The
MAX15024 is a single gate driver capable of sinking an
8A peak current and sourcing a 4A peak current. The
MAX15025 is a dual gate driver capable of sinking a 4A
peak current and sourcing a 2A peak current. An inte-
grated adjustable LDO voltage regulator provides gate-
drive amplitude control and optimization.
The MAX15024A and MAX15025A/C accept transistor-
to-transistor (TTL) input logic levels while the
MAX15024B and MAX15025B/D accept CMOS-input
logic levels. High sourcing/sinking peak currents, a low
propagation delay, and thermally enhanced packages
make the MAX15024/MAX15025 ideal for high-frequency
and
high-power
circuits.
The
MAX15024/
MAX15025 operate from a 4.5V to 28V supply. A sepa-
rate output driver supply input enhances flexibility and
permits a soft-start of the power MOSFETs used in syn-
chronous rectifiers.
The MAX15024/MAX15025 are available in 10-pin
TDFN packages and are specified over the -40°C to
+125°C automotive temperature range.
Applications
Synchronous Rectifier Drivers
Power-Supply Modules
Switching Power Supply
Features
o 8A Peak Sink Current/4A Peak Source Current
(MAX15024)
o 4A Peak Sink Current/2A Peak Source Current
(MAX15025)
o Low 16ns Propagation Delay
o 4.5 V to 28V Supply Voltage Range
o On-Board Adjustable LDO for Gate-Drive
Amplitude Control and Optimization
o Separate Output Driver Supply
o Independent Source and Sink Outputs (MAX15024)
o Matched Delays Between Inverting and
Noninverting Inputs (MAX15024)
o Matched Delays Between Channels (MAX15025)
o CMOS or TTL Logic-Level Inputs with Hysteresis
for Noise Immunity
o -40°C to +125°C Operating Temperature Range
o Thermal-Shutdown Protection
o 1.95W Thermally Enhanced TDFN Power Packages
Single/Dual, 16ns, High Sink/Source
Current Gate Drivers
________________________________________________________________
Maxim Integrated Products
1
10
87
MAX15024
9
6
1
EP*
*EP = EXPOSED PAD.
34
25
TDFN
TOP VIEW
Pin Configurations
Ordering Information
19-1053; Rev 2; 4/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: All devices are specified over the -40°C to +125°C operating
temperature range.
+
Denotes a lead-free package.
**
EP = Exposed pad. T = Tape and reel.
See the Selector Guide at the end of the data sheet.
Pin Configurations continued at end of data sheet.
Block Diagrams appear at end of data sheet.
PART
PIN-PACKAGE
TOP MARK
MAX15024AATB+T
10 TDFN-EP**
ATX
MAX15024BATB+T
10 TDFN-EP**
ATY
MAX15025AATB+T
10 TDFN-EP**
ATZ
MAX15025BATB+T
10 TDFN-EP**
AUA
MAX15025CATB+T
10 TDFN-EP**
AUB
MAX15025DATB+T
10 TDFN-EP**
AUC


Similar Part No. - MAX15024AATB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024AATB+T MAXIM-MAX15024AATB+T Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
More results

Similar Description - MAX15024AATB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_11 Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
logo
List of Unclassifed Man...
UDN-2980A ETC1-UDN-2980A Datasheet
92Kb / 2P
   HIGH-VOLTAGE, HIGH-CURRENT SOURCE DRIVERS
logo
Texas Instruments
REF200 TI-REF200_15 Datasheet
1Mb / 34P
[Old version datasheet]   REF200 Dual Current Source and Current Sink
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com