Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11644 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11644
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 1-/2-Channel, 2-Wire Serial, 12-Bit ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11644 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11644 Datasheet HTML 7Page - Maxim Integrated Products MAX11644 Datasheet HTML 8Page - Maxim Integrated Products MAX11644 Datasheet HTML 9Page - Maxim Integrated Products MAX11644 Datasheet HTML 10Page - Maxim Integrated Products MAX11644 Datasheet HTML 11Page - Maxim Integrated Products MAX11644 Datasheet HTML 12Page - Maxim Integrated Products MAX11644 Datasheet HTML 13Page - Maxim Integrated Products MAX11644 Datasheet HTML 14Page - Maxim Integrated Products MAX11644 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
1-/2-Channel, 2-Wire Serial, 12-Bit ADCs
______________________________________________________________________________________
11
Analog Input Range and Protection
Internal protection diodes clamp the analog input to VDD
and GND. These diodes allow the analog inputs to swing
from (GND - 0.3V) to (VDD + 0.3V) without causing dam-
age to the device. For accurate conversions, the inputs
must not go more than 50mV below GND or above VDD.
Single-Ended/Differential Input
The SGL/DIF of the configuration byte configures the
MAX11644/MAX11645 analog-input circuitry for single-
ended or differential inputs (Table 2). In single-ended
mode (SGL/DIF = 1), the digital conversion results are
the difference between the analog input selected by
CS[0] and GND (Table 3). In differential mode (SGL/
DIF = 0), the digital conversion results are the differ-
ence between the + and the - analog inputs selected
by CS[0] (Table 4).
Unipolar/Bipolar
When operating in differential mode, the BIP/UNI bit of
the set-up byte (Table 1) selects unipolar or bipolar
operation. Unipolar mode sets the differential input
range from 0 to VREF. A negative differential analog
input in unipolar mode causes the digital output code
to be zero. Selecting bipolar mode sets the differential
input range to ±VREF/2. The digital output code is bina-
ry in unipolar mode and two’s complement in bipolar
mode. See the
Transfer Functions section.
In single-ended mode, the MAX11644/MAX11645
always operate in unipolar mode irrespective of
BIP/UNI. The analog inputs are internally referenced to
GND with a full-scale input range from 0 to VREF.
2-Wire Digital Interface
The MAX11644/MAX11645 feature a 2-wire interface
consisting of a serial-data line (SDA) and serial-clock
line (SCL). SDA and SCL facilitate bidirectional commu-
nication between the MAX11644/MAX11645 and the
master at rates up to 1.7MHz. The MAX11644/
MAX11645 are slaves that transfer and receive data.
The master (typically a microcontroller) initiates data
transfer on the bus and generates the SCL signal to
permit that transfer.
SDA and SCL must be pulled high. This is typically done
with pullup resistors (750
Ω or greater) (see the Typical
Operating Circuit). Series resistors (RS) are optional. They
protect the input architecture of the MAX11644/
MAX11645 from high voltage spikes on the bus lines and
minimize crosstalk and undershoot of the bus signals.
Bit Transfer
One data bit is transferred during each SCL clock
cycle. A minimum of 18 clock cycles are required to
transfer the data in or out of the MAX11644/MAX11645.
The data on SDA must remain stable during the high
period of the SCL clock pulse. Changes in SDA while
SCL is stable are considered control signals (see the
START and STOP Conditions section). Both SDA and
SCL remain high when the bus is not busy.
START and STOP Conditions
The master initiates a transmission with a START (S)
condition, a high-to-low transition on SDA while SCL is
high. The master terminates a transmission with a STOP
(P) condition, a low-to-high transition on SDA while SCL
is high (Figure 5). A repeated START (Sr) condition
can be used in place of a STOP condition to leave the
bus active and the interface mode unchanged (see the
HS Mode section).
Acknowledge Bits
Data transfers are acknowledged with an acknowledge
bit (A) or a not-acknowledge bit (A). Both the master
and the MAX11644/MAX11645 (slave) generate
acknowledge bits. To generate an acknowledge, the
receiving device must pull SDA low before the rising
edge of the acknowledge-related clock pulse (ninth
pulse) and keep it low during the high period of the
clock pulse (Figure 6). To generate a not-acknowledge,
the receiver allows SDA to be pulled high before the
rising edge of the acknowledge-related clock pulse
and leaves SDA high during the high period of the
clock pulse. Monitoring the acknowledge bits allows for
detection of unsuccessful data transfers. An unsuc-
cessful data transfer happens if a receiving device is
busy or if a system fault has occurred. In the event of
an unsuccessful data transfer, the bus master should
reattempt communication at a later time.
SCL
SDA
SP
Sr
Figure 5. START and STOP Conditions
SCL
SDA
S
NOT-ACKNOWLEDGE
ACKNOWLEDGE
12
8
9
Figure 6. Acknowledge Bits


Similar Part No. - MAX11644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11642 MAXIM-MAX11642 Datasheet
5Mb / 40P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX11642 MAXIM-MAX11642 Datasheet
5Mb / 40P
   Collects Up to One Million Samples
Rev 1; 4/12
MAX11642 MAXIM-MAX11642 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11642EEG+T MAXIM-MAX11642EEG+T Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11643 MAXIM-MAX11643 Datasheet
5Mb / 40P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
More results

Similar Description - MAX11644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11646 MAXIM-MAX11646 Datasheet
378Kb / 20P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 1-/2-Channel, 2-Wire Serial, 10-Bit ADCs
Rev 0; 1/10
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1136 MAXIM-MAX1136 Datasheet
471Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
19-2334; Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com