Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA-L0605-VJL Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

Part # CXA-L0605-VJL
Description  DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-L0605-VJL Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  CXA-L0605-VJL Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-L0605-VJL Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-L0605-VJL Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-L0605-VJL Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CXA-L0605-VJL (4.0W SINGLE OUTPUT WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
(PRELIMNARY, STANDARD)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: D örnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 4 / 4 )
VER, 0 4 October 2002
Note 1.
For circuit connection, please prefer to test circuit diagram.
Note 2.
Please use minimum of 2mm clearance (all directions) between inv erter high voltage area and any
conductors. Please refer to mechanical drawing for marking of hi gh voltage area.
Note 3.
Open voltage (strike voltage) is measured across the transformer secondary winding at no load as the
reading at the output connector would be less than the actual va lue.
Note 4.
If the start up voltage falls below Cold Cathode Tube strike vol tage, the CCFL will not light up easily
specially at lower ambient temperature. Please review mounting i nstruction to avoid any abnormal
operation due to coupling/leakage capacitance of inverter high v oltage area to any surrounding
conductor.
Note 5.
Please check your lamp characteristic for minimum operational cu rrent and set the limit point in your
design to avoid flickering and/or abnormal operation.
Note 6.
For proper operation of circuit protection (FUSE or IC PROTECTOR ), please use minimum of 2A
capacity for input power supply.


Similar Part No. - CXA-L0605-VJL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-L0605-VJL TDK-CXA-L0605-VJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 4W, For 1 Bulb
More results

Similar Description - CXA-L0605-VJL

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-L0624-VJL POWER-SYSTEMS-CXA-L0624-VJL Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VML POWER-SYSTEMS-CXA-L0612A-VML Datasheet
34Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-177 POWER-SYSTEMS-PS-L0612A-177 Datasheet
251Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VSL POWER-SYSTEMS-CXA-L0612A-VSL Datasheet
50Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-239 POWER-SYSTEMS-PS-L0612A-239 Datasheet
77Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VJL POWER-SYSTEMS-CXA-L0605A-VJL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-238 POWER-SYSTEMS-PS-L0612A-238 Datasheet
76Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-0283 POWER-SYSTEMS-CXA-0283 Datasheet
174Kb / 4P
   DC-AC INVERTER UNIT 15W QUAD OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com