Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82M75REW Datasheet(PDF) 58 Page - Holtek Semiconductor Inc

Part # HT82M75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75REW Datasheet(HTML) 58 Page - Holtek Semiconductor Inc

Back Button HT82M75REW Datasheet HTML 54Page - Holtek Semiconductor Inc HT82M75REW Datasheet HTML 55Page - Holtek Semiconductor Inc HT82M75REW Datasheet HTML 56Page - Holtek Semiconductor Inc HT82M75REW Datasheet HTML 57Page - Holtek Semiconductor Inc HT82M75REW Datasheet HTML 58Page - Holtek Semiconductor Inc HT82M75REW Datasheet HTML 59Page - Holtek Semiconductor Inc HT82M75REW Datasheet HTML 60Page - Holtek Semiconductor Inc HT82M75REW Datasheet HTML 61Page - Holtek Semiconductor Inc HT82M75REW Datasheet HTML 62Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
58
June 11, 2010
RF Transceiver Application Guide
Some typical applications are described in this section to help user gains more understanding of the operation of the
RF Transceiver.
RF Transceiver Hardware Connection
A typical application connection is shown in Application Circuit section. The MCU host serves as a master role, and the
RF Transceiver serves as a slave role. For more information, refer to the Application Circuit section.
RF Transceiver Initialization
After the RF Transceiver is powered up, some registers need to be configured before the data transmission or recep-
tion. The procedure is described as below.
· Procedure List
Parameter
Symbol
Min.
Max.
Unit
Conditions
SREG
0x26
GATECLK
Enable SPI sync function
20
SREG
0x17
PACON1
Increase PAON time
08
SREG
0x18
FIFOEN
Increase TXON time
94
SREG
0x2E
TXPEMISP
VCO calibration period
95
LREG
0x200
RFCTL0
RF optimized control
01
LREG
0x201
RFCTL1
RF optimized control
02
LREG
0x202
RFCTL2
RF optimized control
E0
LREG
0x204
RFCTL4
RF optimized control
06
LREG
0x206
RFCTL6
RF optimized control
C0
1M bps
LREG
0x207
RFCTL7
RF optimized control
F0
1M bps
LREG
0x208
RFCTL8
RF optimized control
8C
LREG
0x23D
GPIODIR
For Setting GPIO to Output
00
LREG
0x250
RFCTL50
RF optimized control
07
DC-DC OFF
LREG
0x251
RFCTL51
RF optimized control
C0
LREG
0x252
RFCTL52
RF optimized control
01
LREG
0x259
RFCTL59
RF optimized control
00
LREG
0x273
RFCTL73
RF optimized control
40
LREG
0x274
RFCTL74
RF optimized control
C6
DC-DC OFF
LREG
0x275
RFCTL75
RF optimized control
13
LREG
0x276
RFCTL76
RF optimized control
07
SREG
0x32
INTMSK
Enable all interrupt
00
SREG
0x2A
SOFTRST
Baseband Reset
02
SREG
0x36
RFCTL
RF Reset
04
Reset RF State Machine
SREG
0x36
RFCTL
RF Reset
00
Release RF State Machine


Similar Part No. - HT82M75REW

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M75RE HOLTEK-HT82M75RE Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82M75RE HOLTEK-HT82M75RE Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results

Similar Description - HT82M75REW

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82D40REW HOLTEK-HT82D40REW Datasheet
955Kb / 104P
   2.4GHz Transceiver USB Interface 8-Bit OTP MCU
logo
Microchip Technology
PIC16C432 MICROCHIP-PIC16C432 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
2002
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M_10 Datasheet
465Kb / 69P
   1.5V Battery 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com