Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4360-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4360-1
Description  Overvoltage Protection Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4360-1 Datasheet HTML 4Page - Linear Technology LTC4360-1 Datasheet HTML 5Page - Linear Technology LTC4360-1 Datasheet HTML 6Page - Linear Technology LTC4360-1 Datasheet HTML 7Page - Linear Technology LTC4360-1 Datasheet HTML 8Page - Linear Technology LTC4360-1 Datasheet HTML 9Page - Linear Technology LTC4360-1 Datasheet HTML 10Page - Linear Technology LTC4360-1 Datasheet HTML 11Page - Linear Technology LTC4360-1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC4360-1/LTC4360-2
10
436012f
APPLICATIONS INFORMATION
Figure 10. Recommended Layout for N-Channel MOSFET
and P-/N-Channel MOSFET Configurations
If the voltage rise at VOUT due to the discharge of the
energy in LIN into COUT is not acceptable or the avalanche
capability of the MOSFET is exceeded, an additional exter-
nal clamp such as the SMAJ24A can be placed between
IN and GND. COUT is the decoupling capacitor of the
protected circuits and its value will largely be determined
by their requirements. Using a larger COUT will work with
LIN to slow down the dV/dt at OUT, allowing time for the
LTC4360 to shut off the MOSFET before VOUT overshoots
to a dangerous voltage. A larger COUT also helps to lower
the
ΔVOUT due to the discharge of the energy in LIN if the
MOSFET BVDSS is used as an input clamp.
Layout Considerations
Figure 10 shows example PCB layouts for the single
N-channel MOSFET (SC70 package) configuration and the
P-channel MOSFET/N-channel MOSFET (Complementary
P, N MOSFET in TSOP-6 package) configuration. Keep the
traces to the MOSFETs wide and short. The PCB traces
associated with the power path through the MOSFETs
should have low resistance.
Si3590DV
436012 F09
Si1470DH
SUPPLY/IN
SUPPLY
IN
OUT
OUT
GND
GND
1
2
3
4
8
7
6
5
LTC4360-2
1
2
3
4
8
7
6
5
LTC4360-1
Figure 8. Setup for Testing 20V Plugged into 5V System
LOAD
436012 F07
OUT
COUT
M1
Si1470DH
IN
LIN
RIN
20V
WALL
ADAPTER
5V
USB
LTC4360
IN
R1
100k
D1
B160
OUT
GND
GATE
+
+
ICABLE
Figure 9. Overvoltage Protection Waveforms
When 20V Plugged into 5V System
VIN
20V/DIV
VGATE
10V/DIV
VOUT
5V/DIV
ICABLE
10A/DIV
1μs/DIV
436012 F08
FIGURE 8 CIRCUIT
RIN = 150mΩ, LIN = 2μH
LOAD = 10Ω, COUT = 10μF (16V, SIZE 1210)
Figure 8 shows a particularly severe situation which can
occur in a mobile device with dual power inputs. A 20V wall
adaptor is mistakenly hot-plugged into the 5V device with
the USB input already live. As shown in Figure 9, a large
current can build up in LIN to charge up COUT. When the
N-channel MOSFET shuts off, the energy stored in LIN is
dumped into COUT, causing a large 40V input transient. The
LTC4360 limits this to a 1V rise in the output voltage.


Similar Part No. - LTC4360-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
More results

Similar Description - LTC4360-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com