Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCA8010-H Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCA8010-H
Description  High-Speed Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8010-H Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCA8010-H_09 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8010-H_09 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8010-H_09 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8010-H_09 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8010-H_09 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8010-H_09 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8010-H_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8010-H
2009-12-21
4
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
4
6
8
10
0
4
6
8
10
2
02
8
12
16
20
0
2
3
4
5
1
04
0
1
2
3
4
5
2
3
4
5
0
1
4
8
0
8
12
16
20
4
0
2
10
6
Common source
VDS = 10 V
Pulse test
Ta
= −55°C
100
25
Common source
Ta
= 25°C
Pulse test
ID = 5.5 A
1.4
2.7
Common source
VDS = 10 V
Pulse test
Ta
= −55°C
25
100
0.1
100
1
10
0.1
1
100
10
100
0.1
100
1000
110
10000
10
Common source
Ta
= 25°C
VGS = 10 V
Pulse test
VGS = 4 V
4.5
6
10
4.8
5
8
5.5
5.7
Common source
Ta
= 25°C
Pulse test
5.2
VGS = 4 V
Common source
Ta
= 25°C
Pulse test
6
8
10
5.2
4.8
5
4.5
4.3
5.5


Similar Part No. - TPCA8010-H_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8010-H TOSHIBA-TPCA8010-H Datasheet
41Kb / 4P
   High Speed and High Efficiency DC-DC Converters
TPCA8010-H TOSHIBA-TPCA8010-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCA8010-H_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com