Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3385 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT82V3385
Description  SYNCHRONOUS ETHERNET WAN PLL
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3385 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT82V3385 Datasheet HTML 5Page - Integrated Device Technology IDT82V3385 Datasheet HTML 6Page - Integrated Device Technology IDT82V3385 Datasheet HTML 7Page - Integrated Device Technology IDT82V3385 Datasheet HTML 8Page - Integrated Device Technology IDT82V3385 Datasheet HTML 9Page - Integrated Device Technology IDT82V3385 Datasheet HTML 10Page - Integrated Device Technology IDT82V3385 Datasheet HTML 11Page - Integrated Device Technology IDT82V3385 Datasheet HTML 12Page - Integrated Device Technology IDT82V3385 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 145 page
background image
9
May 14, 2010
IDT82V3385
 2010 Integrated Device Technology, Inc.
DSC-7211/5
SYNCHRONOUS ETHERNET
WAN PLL
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc.
FEATURES
HIGHLIGHTS
The first single PLL chip:
• Features 0.5 mHz to 560 Hz bandwidth
• Provides node clock for ITU-T G.8261/G.8262 Synchronous
Ethernet
• Exceeds GR-253-CORE (OC-12) and ITU-T G.813 (STM-16/
Option I) jitter generation requirements
• Provides node clocks for Cellular and WLL base-station (GSM
and 3G networks)
• Provides clocks for DSL access concentrators (DSLAM), espe-
cially for Japan TCM-ISDN network timing based ADSL equip-
ments
MAIN FEATURES
Provides an integrated single-chip solution for Synchronous Equip-
ment Timing Source, including Stratum 2, 3E, 3, SMC, 4E and 4
clocks
Employs DPLL and APLL to feature excellent jitter performance
and minimize the number of the external components
Integrates T0 DPLL and T4 DPLL; T4 DPLL locks independently or
locks to T0 DPLL
Supports Forced or Automatic operating mode switch controlled by
an internal state machine; the primary operating modes are Free-
Run, Locked and Holdover
Supports programmable DPLL bandwidth (0.5 mHz to 560 Hz in 19
steps) and damping factor (1.2 to 20 in 5 steps)
Supports 1.1X10-5 ppm absolute holdover accuracy and 4.4X10-8
ppm instantaneous holdover accuracy
Supports PBO to minimize phase transients on T0 DPLL output to
be no more than 0.61 ns
Supports phase absorption when phase-time changes on T0
selected input clock are greater than a programmable limit over an
interval of less than 0.1 seconds
Supports programmable input-to-output phase offset adjustment
Limits the phase and frequency offset of the outputs
Supports manual and automatic selected input clock switch
Supports automatic hitless selected input clock switch on clock fail-
ure
Supports three types of input clock sources: recovered clock from
STM-N or OC-n, PDH network synchronization timing and external
synchronization reference timing
Provides a 2 kHz, 4 kHz or 8 kHz frame sync input signal, and a 2
kHz and an 8 kHz frame sync output signals
Provides 5 input clocks whose frequency cover from 2 kHz to
622.08 MHz
Provides 5 output clocks whose frequency cover from 1 Hz to
622.08 MHz
Provides output clocks for BITS, GPS, 3G, GSM, etc.
Supports PECL/LVDS and CMOS input/output technologies
Supports master clock calibration
Supports Master/Slave application (two chips used together) to
enable system protection against single chip failure
Meets Telcordia GR-1244-CORE, GR-253-CORE, GR-1377-
CORE, ITU-T G.812, ITU-T G.813 and ITU-T G.783 criteria
OTHER FEATURES
Multiple microprocessor interface modes: EPROM, Multiplexed,
Intel, Motorola and Serial
IEEE 1149.1 JTAG Boundary Scan
Single 3.3 V operation with 5 V tolerant CMOS I/Os
100-pin TQFP package, Green package options available
APPLICATIONS
BITS / SSU
SMC / SEC (SONET / SDH)
DWDM cross-connect and transmission equipments
Synchronous Ethernet equipments
Central Office Timing Source and Distribution
Core and access IP switches / routers
Gigabit and Terabit IP switches / routers
IP and ATM core switches and access equipments
Cellular and WLL base-station node clocks
Broadband and multi-service access equipments
Any other telecom equipments that need synchronous equipment
system timing


Similar Part No. - IDT82V3385

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
   SYNCHRONOUS ETHERNET WAN PLL
logo
Renesas Technology Corp
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
   SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
More results

Similar Description - IDT82V3385

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
   SYNCHRONOUS ETHERNET WAN PLL
logo
Renesas Technology Corp
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
   SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
logo
Integrated Device Techn...
IDT82V3355 IDT-IDT82V3355 Datasheet
1Mb / 135P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3352 IDT-IDT82V3352 Datasheet
1Mb / 125P
   SYNCHRONOUS ETHERNET WAN PLL
logo
Renesas Technology Corp
IDT82V3358 RENESAS-IDT82V3358 Datasheet
1Mb / 140P
   SYNCHRONOUS ETHERNET WAN PLL
May 19, 2009
IDT82V3380 RENESAS-IDT82V3380 Datasheet
1Mb / 185P
   SYNCHRONOUS ETHERNET WAN PLL
September 29, 2014
logo
Integrated Device Techn...
IDT82V3380A IDT-IDT82V3380A Datasheet
1Mb / 177P
   SYNCHRONOUS ETHERNET IDT WAN PLL?
IDT82V3390 IDT-IDT82V3390 Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com