Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK3878 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. 2SK3878
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

2SK3878 Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3878
2010-05-06
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (
π- MOSIV)
2SK3878
Switching Regulator Applications
• Low drain-source ON-resistance: RDS (ON) = 1.0 Ω (typ.)
• High forward transfer admittance: ⎪Yfs⎪ = 7.0 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 720 V)
• Enhancement model: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
900
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
900
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
9
Drain current
Pulse
(Note 1)
IDP
27
A
Drain power dissipation (Tc
= 25°C)
PD
150
W
Single pulse avalanche energy
(Note 2)
EAS
778
mJ
Avalanche current
IAR
9
A
Repetitive avalanche energy (Note 3)
EAR
15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
0.833
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
50
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C
during use of the device.
Note 2: VDD = 90 V, Tch = 25°C, L = 17.6 mH, RG = 25 Ω, IAR = 9 A
Note 3: Repetitive rating: pulse width limited by max junction temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
1. GATE
2. DRAIN (HEATSINK)
3. SOURCE
JEDEC
JEITA
SC-65
TOSHIBA
2−16C1B
Weight: 4.6 g (typ.)
1
3
2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn