Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCA8016-H Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCA8016-H
Description  High-Efficiency DC竊뢈C Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8016-H Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCA8016-H_06 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8016-H
2006-11-17
4
VGS = 10 V
4.5 V
1
0.1
10
10
100
100
0.1
100
0.1
1
100
10
10
0
0.6
0.8
1.0
0
2
4
6
8
10
0.4
0.2
0
0
2
4
6
40
100
60
80
20
8
Drain current
ID (A)
RDS (ON) – ID
Gate-source voltage
VGS (V)
ID – VGS
Gate-source voltage
VGS (V)
VDS – VGS
Drain current
ID (A)
⎪Yfs⎪ – ID
Ta
= −55°C
25
100
Common source
VDS = 10 V
Pulse test
ID = 25 A
13
6.3
Common source
Ta
= 25℃
Pulse test
Common source
VDS = 10 V
Pulse test
1
1
Common source
Ta
= 25°C
Pulse test
Drain-source voltage
VDS (V)
ID – VDS
Drain-source voltage
VDS (V)
ID – VDS
0
20
4
12
8
16
0.2
0
1.0
0.4
0.6
0.8
Common source
Ta
= 25°C
Pulse test
VGS = 2.8 V
4.5
5
Common source
Ta
= 25°C
Pulse test
0
50
10
30
20
40
1
0
5
23
4
3.1
4
8
10
6
3.3
3.5
3.7
VGS = 3 V
3.5
3.8
4
4.5
10
5
6
3.3
8
25
100
Ta
= −55°C


Similar Part No. - TPCA8016-H_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8016-H TOSHIBA-TPCA8016-H Datasheet
161Kb / 4P
   High-Speed and High-Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications
logo
VBsemi Electronics Co.,...
TPCA8016-H VBSEMI-TPCA8016-H Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - TPCA8016-H_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
303Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
415Kb / 7P
   Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
logo
Rohm
BD9123MUV ROHM-BD9123MUV Datasheet
140Kb / 5P
   1ch DC竊뢈C Converter IC built in synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com