Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS8005-RRX+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS8005-RRX+
Description  Smart Card Intergace
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8005-RRX+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS8005-RRX+ Datasheet HTML 3Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 4Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 5Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 6Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 7Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 8Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 9Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 10Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Smart Card Interface
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1, 2
CLKDIV1,
CLKDIV2
Clock Divider. Determines the divided-down input clock frequency (presented at XTAL1 or from a
crystal at XTAL1 and XTAL2) on the CLK_ output pin. Dividers of 1, 2, 4, and 8 are available.
3
5V/3V
5V/3V Selection Pin. Allows selection of 5V or 3V for communication with an IC card. Logic-high
selects 5V operation; logic-low selects 3V operation. The 1_8V pin overrides the setting on this pin if
active. See Table 3 for a complete description of choosing card voltages.
4
1_8V
1.8V Operation Selection. This active-high input puts the device into 1.8V smart card communication
mode. The selected interface (when activated) powers a card with a 1.8V supply and all I/O lines
operate at 1.8V.
5
VCCB
Smart Card Supply Voltage, Interface B. Decouple to CGND (card ground) with 2 x 100nF or 100 +
200nF capacitors (ESR < 100m ).
6
VDDA
Smart Card Interface Supply. 5V power supply for powering the card interface.
7
RSTB
Smart Card Reset, Interface B. Card reset output from contact C2.
8
CLKB
Smart Card Clock, Interface B. Card clock, contact C3.
9, 14
CGND
Smart Card Ground
10
PRESA
Interface A Card Presence Indicator. Active-high card presence input for the first card interface.
When the presence indicator becomes active, a debounce timeout begins. After 8ms (typ), the OFF
signal becomes active if the first card interface is selected (SEL_AB low), else the OFF2 signal
becomes active.
11
I/OA
Smart Card Data-Line Output, Interface A. Card data communication line, contact C7. This pin is
only active if the first card interface is selected (SEL_AB low) and the interface has gone through an
activation sequence.
1_8V
28
27
26
25
24
23
22
SEL_AB
OFF2
I/OIN
XTAL2
TOP VIEW
XTAL1
OFF
GND
21 VDD
20 RSTIN
19 CMDVCC
18 VDDA2
17 VCCA
16 RSTA
15 CLKA
5V/3V
CLKDIV2
CLKDIV1
RSTB
VDDA
CLKB
CGND
PRESA
I/OA
I/OB
PRESB
4
1
2
3
5
6
7
8
9
10
11
12
13
14
CGND
VCCB
SO
DS8005
Pin Configuration


Similar Part No. - DS8005-RRX+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007 Datasheet
331Kb / 41P
   Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG DALLAS-DS8007-ENG Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007-ENG MAXIM-DS8007-ENG Datasheet
331Kb / 41P
   Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG++ DALLAS-DS8007-ENG+ Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
More results

Similar Description - DS8005-RRX+

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
CCM04-MKII ITT-CCM04-MKII Datasheet
62Kb / 1P
   Smart Card
CCM-J ITT-CCM-J Datasheet
63Kb / 1P
   Smart Card
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Adam Technologies, Inc.
SCS-4-08-NC-SG-X ADAM-TECH-SCS-4-08-NC-SG-X Datasheet
93Kb / 1P
   SMART CARD SOCKET
SCS-6-08-NC-SG ADAM-TECH-SCS-6-08-NC-SG Datasheet
105Kb / 1P
   SMART CARD SOCKET
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com