Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG509AEWE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG509AEWE
Description  Monolithic CMOS Analog Multiplexers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG509AEWE Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG509AEWE Datasheet HTML 1Page - Maxim Integrated Products DG509AEWE Datasheet HTML 2Page - Maxim Integrated Products DG509AEWE Datasheet HTML 3Page - Maxim Integrated Products DG509AEWE Datasheet HTML 4Page - Maxim Integrated Products DG509AEWE Datasheet HTML 5Page - Maxim Integrated Products DG509AEWE Datasheet HTML 6Page - Maxim Integrated Products DG509AEWE Datasheet HTML 7Page - Maxim Integrated Products DG509AEWE Datasheet HTML 8Page - Maxim Integrated Products DG509AEWE Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Monolithic CMOS Analog Multiplexers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(V+ = 15V, VGND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: ID(ON) is leakage from driver into on switch.
Note 3: Off-isolation = 20log
VS = input to off switch,
VD = output due to VS.
Note 4: Electrical characteristics (such as on-resistance) change when power supplies other than ±15V are used.
Note 5: For designs requiring single 5V or dual ±5V operation, refer to Maxim’s improved MAX338 and MAX339. Minimum operating
voltage for DG508ADY/MY and DG509ADY/MY is ±9V.
IV I
IV I
S
D
DG508AA/M
DG509AA/M
DG508AD/E/B/C
DG509AD/E/B/C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SWITCH
Analog Signal
Range
VANALOG
-15
+15
-15
+15
V
VD = 10V,
IS = -200μA
500
550
Drain-Source On-
Resistance
RDS(ON)
Sequence each
switch on,
VA_L = 0.8V,
VA_H = 2.4V
VD = -10V,
IS = 200μA
500
550
VS = 10V, VD = -10V
+50
+50
Source Off-Leakage
Current
IS(OFF)
VEN = 0V
VS = -10V, VD = -10V
-50
-50
nA
VD = 10V, VS = -10V
+200
+100
DG508A
VD = -10V, VS = -10V
-200
-200
VD = 10V, VS = -10V
+200
+100
Drain Off-
Leakage
Current
DG509A
ID(OFF)
VEN = 0V
VD = -10V, VS = -10V
-100
-100
nA
VS(all) = VD = 10V
+200
+100
DG508A
VS(all) = VD = -10V
-200
-100
VS(all) = VD = 10V
+100
+100
Drain On-
Leakage
Current
DG509A
ID(ON)
Sequence each
switch on,
VA_L = 0.8V,
VA_H = 2.4V
(Note 2)
VS(all) = VD = -10V
-100
-100
nA
LOGIC INPUT
VA_ = 2.4V
-30
-30
Logic Input Current,
Input Voltage High
IAH
VA_ = 15V
+30
+30
μA
VEN = 2.4V
-30
-30
Logic Input Current,
Input Voltage Low
IAL
All VA_ = 0V
VEN = 0V
-30
-30
μA


Similar Part No. - DG509AEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG509AEWE MAXIM-DG509AEWE Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
More results

Similar Description - DG509AEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com