Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA-0320 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # CXA-0320
Description  DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-0320 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  CXA-0320 Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-0320 Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CXA-0320 (5W DUAL OUTPUTS WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 2 / 2 )
VER, 04 October 2002
RL1,2:Load resistance (7W min.)
A
~
A
~
RL2
RL1
Io2
Io1
A
V
1000:1
PROBE
V
~
Vin
10.8~13.2V
Iin
Vopen
F
CN1-1
CN1-2
CN1-3
CN1-4
CN1-5
CN1-6
CN1-7
CN2-
1
CN3-3
F1
CN3-
1
Q04
C05
C06
T1
CN1-8
V
Vst
V
a
b
a
b
SW2
SW1
Vrmt
0/5V
Rbr
0~50k
SW3
SW4
SW5
V
Vbr
0~2.5V
CN2-3
SW6
IC02
F2
ELECTRICAL CHARACTERISTICS :
TEST CIRCUIT :
Output Current
Input Current 1
Open Voltage
Parameters
Symbol
Conditions
RL1 (k )
Ta (
)
Vin (V)
Note
Unit
Specifications
Iout1 /
Iout2
Iin1
F2
Vopen
4.5
5.0
5.5
1.7
Adc
Hz
Vrms
typ.
min.
max.
Vbr (V)
2.2
2.7
0.40
0.75
300
330
360
1200
1500
1250
63
-
°C
mArms
mArms
0
0
3
0
Max Brightness.
Min Brightness.
Vrmt (V)
RL2 (k )
63
0
-1
-mAdc
Input Current 2
Iin2
Alarm SIgnal
Vst
0
0
0
4.5
5.0
5.5
4.5
5.0
5.5
-
0
0.5
Vdc
Vdc
Vdc
RL2 open
Normal
RL1 open
63
63
63
63
63
63
63
63
Frequency
F1
kHz
39
43
47
0
63
63
Frequency (Duty)
63
63
63
63
3
(Note 4)
23 ± 5
23 ± 5
12
12
12
12
12
12
12
12
12
12
5
5
0
5
5
5
5
5
5
5
23 ± 5
23 ± 5
23 ± 5
23 ± 5
23 ± 5
23 ± 5
23 ± 5
23 ± 5
Vbr=0V :brightness max.
Rbr=0 :brightness max.
SW1
a
b
OPEN
Non operation
Non operation
Operation
Operation of unit
Operation of unit
a
b
SW2
Valiable resistance Dimming
Rbr=0~50kΩ
Voltage Dimming
Vbr=0~2.5V
Operation of warning signal
Operation(5V Output)
Non operation(0V Output)
SW3~6
Open
Close


Similar Part No. - CXA-0320

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-0320 TDK-CXA-0320 Datasheet
247Kb / 3P
   Dimming/Connector Type
More results

Similar Description - CXA-0320

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-0326 POWER-SYSTEMS-CXA-0326 Datasheet
39Kb / 2P
   DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0321 POWER-SYSTEMS-CXA-0321 Datasheet
126Kb / 2P
   DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0217 POWER-SYSTEMS-CXA-0217 Datasheet
57Kb / 4P
   DC-AC INVERTER UNIT 7W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0338 POWER-SYSTEMS-CXA-0338 Datasheet
99Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0308 POWER-SYSTEMS-CXA-0308 Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
PS-DA0290-324-B POWER-SYSTEMS-PS-DA0290-324-B Datasheet
126Kb / 2P
   DC-AC INVERTER UNIT 6,5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0368 POWER-SYSTEMS-CXA-0368 Datasheet
49Kb / 2P
   DC-AC INVERTER UNIT 8.0W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-M1212-RJL POWER-SYSTEMS-CXA-M1212-RJL Datasheet
109Kb / 2P
   DC-AC INVERTER UNIT 5.0W DUAL OUTPUTS WITH DIMMING FUNCTION
PS-DA0270-01 POWER-SYSTEMS-PS-DA0270-01 Datasheet
299Kb / 4P
   DC-AC INVERTER UNIT 5,5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-P1212C-WJL POWER-SYSTEMS-CXA-P1212C-WJL Datasheet
88Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com