Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1643-85 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1643-85
Description  Nonvolatile Timekeeping RAMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1643-85 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1643-85 Datasheet HTML 5Page - Maxim Integrated Products DS1643-85 Datasheet HTML 6Page - Maxim Integrated Products DS1643-85 Datasheet HTML 7Page - Maxim Integrated Products DS1643-85 Datasheet HTML 8Page - Maxim Integrated Products DS1643-85 Datasheet HTML 9Page - Maxim Integrated Products DS1643-85 Datasheet HTML 10Page - Maxim Integrated Products DS1643-85 Datasheet HTML 11Page - Maxim Integrated Products DS1643-85 Datasheet HTML 12Page - Maxim Integrated Products DS1643-85 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS1643/DS1643P
9 of 17
AC CHARACTERISTICS—WRITE CYCLE
(VCC = 5.0V 10%, TA = 0C to +70C.)
85ns
ACCESS
100ns
ACCESS
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Write Cycle Time
tWC
85
100
ns
4
Address Setup Time
tAS
0
0
ns
4
WE
Pulse Width
tWEW
65
70
ns
4
CE
Pulse Width
tCEW
70
75
ns
4
CE2 Pulse Width
tCE2W
75
85
ns
4
Data Setup Time
tDS
35
40
ns
4
Data Hold Time
tDH
0
0
ns
4
Address Hold Time
tAH
5
5
ns
4
WE
Data Off Time
tWEZ
30
35
ns
4
Write Recovery Time
tWR
5
5
ns
4


Similar Part No. - DS1643-85

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643-100 DALLAS-DS1643-100 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
DS1643-100 DALLAS-DS1643-100 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1643-100 MAXIM-DS1643-100 Datasheet
225Kb / 17P
   Nonvolatile Timekeeping RAMs
Rev 12/09
logo
ARTSCHIP ELECTRONICS CO...
DS1643-100 ARTSCHIP-DS1643-100 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1643-100++ MAXIM-DS1643-100+ Datasheet
225Kb / 17P
   Nonvolatile Timekeeping RAMs
Rev 12/09
More results

Similar Description - DS1643-85

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1643 MAXIM-DS1643 Datasheet
225Kb / 17P
   Nonvolatile Timekeeping RAMs
Rev 12/09
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com