Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG508A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG508A
Description  Monolithic CMOS Analog Multiplexers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG508A Datasheet(HTML) 8 Page - Maxim Integrated Products

  DG508A_10 Datasheet HTML 1Page - Maxim Integrated Products DG508A_10 Datasheet HTML 2Page - Maxim Integrated Products DG508A_10 Datasheet HTML 3Page - Maxim Integrated Products DG508A_10 Datasheet HTML 4Page - Maxim Integrated Products DG508A_10 Datasheet HTML 5Page - Maxim Integrated Products DG508A_10 Datasheet HTML 6Page - Maxim Integrated Products DG508A_10 Datasheet HTML 7Page - Maxim Integrated Products DG508A_10 Datasheet HTML 8Page - Maxim Integrated Products DG508A_10 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Monolithic CMOS Analog Multiplexers
8
_______________________________________________________________________________________
S1A
-15V
DB
DIFFERENTIAL
ANALOG
OUTPUTS
(INPUTS)
A0
A1
EN
S2A
V+
V-
GND
DIFFERENTIAL
ANALOG
INPUTS
(OUTPUTS)
+15V
DIFFERENTIAL 4-CHANNEL SEQUENTIAL MUX/DEMUX
CLOCK IN
RESET ENABLE
N.C.
J
K
Q
CLEAR GND
S3A
S4A
S1B
S2B
S3B
S4B
DA
-15V
CLOCK
CLOCK
DG509A
1/2MM747C73
Q
J
K
Q
1/2MM747C73
Q
Typical Operating
Circuits (continued)
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
16 Plastic DIP
P16-1
21-0043
16 Wide SO
W16-2
21-0042
16 Narrow SO
S16-5
21-0041
16 CERDIP
J16-3
21-0045
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.


Similar Part No. - DG508A_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG508A-MIL VISHAY-DG508A-MIL Datasheet
177Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
Maxim Integrated Produc...
DG508AAK MAXIM-DG508AAK Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
logo
Vishay Siliconix
DG508AAK VISHAY-DG508AAK Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
Intersil Corporation
DG508AAK INTERSIL-DG508AAK Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG508AAK INTERSIL-DG508AAK Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
More results

Similar Description - DG508A_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com