Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8211 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC8211
Description  Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8211 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8211_07 Datasheet HTML 1Page - Toshiba Semiconductor TPC8211_07 Datasheet HTML 2Page - Toshiba Semiconductor TPC8211_07 Datasheet HTML 3Page - Toshiba Semiconductor TPC8211_07 Datasheet HTML 4Page - Toshiba Semiconductor TPC8211_07 Datasheet HTML 5Page - Toshiba Semiconductor TPC8211_07 Datasheet HTML 6Page - Toshiba Semiconductor TPC8211_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC8211
2007-01-16
4
0
12
0
1
4
4
10
Common source
VDS = 10 V
Pulse test
23
25
100
Ta
= −55°C
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
0.1
1
10
100
0.1
1
10
100
Common source
VDS = 10 V
Pulse test
Ta
= 100°C
−55°C
25°C
RDS (ON) – ID
0.1
1
10
100
Common source
Ta
= 25°C
Pulse test
1
1000
VGS = 10 V
VGS = 4.5 V
10
100
0.8
1.2
1.6
2.0
0
4
6
8
10
2
00.4
VGS = 2.4 V
2.6
2.7
2.8
3
2.9
5
8
10
Common source
Ta
= 25°C
Pulse test
Drain
−source voltage VDS (V)
Drain
−source voltage VDS (V)
Gate
−source voltage VGS (V)
Gate
−source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
10
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
VGS = 2.3 V
2.7
2.9
2.8
2.4
2.6
2.5
8
Common source
Ta
= 25°C
Pulse test
04
8
20
0
0.6
1.0
0.8
0.2
0.4
ID = 1.5A
5.5
Common source
Ta
= 25°C
Pulse test
12
16
3
4
3.2
5
3
4
3.5
3.2
3.1
6
8
2


Similar Part No. - TPC8211_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8211 TOSHIBA-TPC8211 Datasheet
171Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
More results

Similar Description - TPC8211_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com