Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-LD0602-021-B Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # PS-LD0602-021-B
Description  LED-CONVERTER UNIT 3W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-LD0602-021-B Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  PS-LD0602-021-B Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-LD0602-021-B Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-LD0602-021-B Datasheet HTML 3Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED-CONVERTER UNIT
PS-LD0602-021-B(S) (3 W)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (3)
Version 1.0 2nd February 2009
(PRELIMINARY INFORMATION)
TEST CIRCUIT :
Connect Vbr to Ground while
using ext. PWM dimming.
CABLES :
for input: 500 mm, stripped and tinned ends, order key <input cable #13>
for output: 500 mm, stripped and tinned ends, order key <input cable #4>
CN1-1
CN1-2
CN1-6
CN2-7
CN2-6
A
V
Vin
4. 75 ~ 13. 2
Vdc
Iin
D1
D2
D6
CN1-7
A
~
D1
D2
D6
A
~
CN2-1
Vbr
0. 0 ~ 5. 0 Vdc
CN1-5
c
SW3
CN1-3
V
a
b
SW1
Vrmt
1. 5 / 2. 5 Vdc
CN1-8
Ext. PWM
0. 0 ~ Vin
CN1-4
SW2
Note 1 :
Do not use analog dimming function and external PWM for dimming at the same time.
Note 2 :
External PWM-signal is LOW active.
Note 3:
Do not use output 1 in case you have less outputs lanes connected. Examples. Single lane display
please connect the LED lane on output 2 or 3… but not output 1.


Similar Part No. - PS-LD0602-021-B

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0602-1 POWER-SYSTEMS-PS-LD0602-1 Datasheet
146Kb / 3P
   LED-CONVERTER UNIT
PS-LD0602-1S POWER-SYSTEMS-PS-LD0602-1S Datasheet
146Kb / 3P
   LED-CONVERTER UNIT
PS-LD0602-2 POWER-SYSTEMS-PS-LD0602-2 Datasheet
146Kb / 3P
   LED-CONVERTER UNIT
PS-LD0602-2S POWER-SYSTEMS-PS-LD0602-2S Datasheet
146Kb / 3P
   LED-CONVERTER UNIT
More results

Similar Description - PS-LD0602-021-B

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-020-B POWER-SYSTEMS-PS-LD0301-020-B Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
   LED CONVERTER UNIT
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
   LED-CONVERTER UNIT
PS-LD0602-1 POWER-SYSTEMS-PS-LD0602-1 Datasheet
146Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com