Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-LD0101-2-120 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # PS-LD0101-2-120
Description  LED-CONVERTER UNIT 9 W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-LD0101-2-120 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  PS-LD0101-2-120 Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-LD0101-2-120 Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-LD0101-2-120 Datasheet HTML 3Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LED-CONVERTER UNIT
PS-LD0101-x-yyy(S) (9 W)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.387, 21st May 2010
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
Example:
30mA (Output Current Min.) + 10mA (JP1) = 40mA
30mA (Output Current Min.) + 80mA (JP4) = 110mA
JP1 ~ JP5 OPEN = 300mA
For more information, please visit our web-site.
Note 1 :
Do not use analog dimming function and external PWM for dimming at the same time.
Note 2 :
Pin terminal style converters have Molex connectors mounted.
Note 3:
Above output current is the default value. Correct output current is to be selected by user and under
his sole responsibility. Exceeding currents will damage the LED backlight.
Note 4 :
External PWM-signal is LOW active.
Note 5 :
If using external PWM for dimming, please connect Pin CN1-5 to GND.
Input side CN1:
Pin No.
Symbols
Ratings
CN 1-1
Vin
10.8 ~ 13.2 Vdc
CN 1-2
Vin
10.8 ~ 13.2 Vdc
CN 1-3
Vrm t
0 ~ 0.8 = OFF / 2.5 ~ 5.0 = ON
CN 1-4
Ext. PWM
0 ~ 0.5 = LOW / 2.5 ~ 5 = HIGH
CN 1-5
Vbr
0.0 ~ 5.0 (5V=low brightnes s )
CN 1-6
GND
-
CN 1-7
GND
-
CN 1-8
GND
-
Output side CN2
Pin No.
Symbols
Ratings
CN 2-1
RTN1 (-) LED STRING 1 RETURN
CN 2-2
RTN1 (-) LED STRING 1 RETURN
CN 2-3
NC
-
CN 2-4
Vhigh (+)
35 Vdc
CN 2-5
Vhigh (+)
35 Vdc
Output Current Select Control
Jumper
JP 1JP 2JP 3JP 4JP 5
Output Current
Break
+10 mA
Break
+20 mA
Break
+40 mA
Break
+80 mA
Break
+120 mA
Vin (V)
Vbr (V)
Tu (°C)
Min.
Typ.
Max.
Output Current
Iout
10.8 ~ 13.2
0
-20~+70
TBD
30
TBD
mAdc
Dut y 10 0 %
Output Current
Im in
10.8 ~ 13.2
5
-20~+70
-
25
-
%
d ut y cycle
Input Current
Iin
10.8 ~ 13.2
0
-20~+70
0.03
-
0.5
Adc
Open Load Shutdow n
Vbias
10.8 ~ 13.2
0
-20~+70
-
35
-
Vdc
Output Pow er
Pout
10.8 ~ 13.2
0
-20~+70
TBD
9
TBD
Watt
Unit
Note
Parameters
Symbols
Conditions
Specification


Similar Part No. - PS-LD0101-2-120

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-020-B POWER-SYSTEMS-PS-LD0301-020-B Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-020-BS POWER-SYSTEMS-PS-LD0301-020-BS Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-027-BS POWER-SYSTEMS-PS-LD0301-027-BS Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
More results

Similar Description - PS-LD0101-2-120

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LPL0801-01 POWER-SYSTEMS-PS-LPL0801-01 Datasheet
109Kb / 3P
   LED-CONVERTER UNIT 9 W
PS-LD0605-01 POWER-SYSTEMS-PS-LD0605-01 Datasheet
118Kb / 3P
   LED-CONVERTER UNIT 4.5 W
PS-LD0605-02 POWER-SYSTEMS-PS-LD0605-02 Datasheet
104Kb / 3P
   LED-CONVERTER UNIT 7 W
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-020-B POWER-SYSTEMS-PS-LD0301-020-B Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
   LED CONVERTER UNIT
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
   LED-CONVERTER UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com