Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3466 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3466
Description  Chopper Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3466 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3466 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3466
2010-04-06
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = 500 V, VGS = 0 V
100
µA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 5 A
1.35
1.50
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 5 A
2.5
4.0
S
Input capacitance
Ciss
780
Reverse transfer capacitance
Crss
60
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
200
pF
Rise time
tr
12
Turn-ON time
ton
25
Fall time
tf
15
Switching time
Turn-OFF time
toff
60
ns
Total gate charge
(gate-source plus gate-drain)
Qg
17
Gate-source charge
Qgs
11
Gate-drain (“miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 5 A
6
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
5
A
Pulse drain reverse current
(Note 1)
IDRP
20
A
Forward voltage (diode)
VDSF
IDR = 5 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
1400
ns
Reverse recovery charge
Qrr
IDR = 5 A, VGS = 0 V,
dIDR/dt = 100 A/µs
9
µC
Marking
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
K3466
Lot No.
Note 4
Part No. (or abbreviation code)
Duty
≤ 1%, tw = 10 µs
0 V
10 V
VGS
RL = 90 Ω
VDD ≈ 225 V
ID = 2.5 A
Output
15 Ω


Similar Part No. - 2SK3466

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3466 TOSHIBA-2SK3466 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator Applications
2SK3466 TOSHIBA-2SK3466 Datasheet
215Kb / 6P
   TOSHIBA Field Effect Transistor
2SK3466 TOSHIBA-2SK3466 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3466 TOSHIBA-2SK3466_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator Applications
More results

Similar Description - 2SK3466

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1489 TOSHIBA-2SK1489_09 Datasheet
393Kb / 6P
   Chopper Regulator Applications
TJ120F06J3 TOSHIBA-TJ120F06J3 Datasheet
223Kb / 7P
   Chopper Regulator, DC-DC Converter Applications Motor Drive Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
logo
Infineon Technologies A...
FD1600 INFINEON-FD1600 Datasheet
611Kb / 12P
   Chopper applications
2016-01-21 revision:V3.1
logo
Toshiba Semiconductor
2SK3067 TOSHIBA-2SK3067 Datasheet
128Kb / 3P
   Chopper Regulator
2SK2312 TOSHIBA-2SK2312_07 Datasheet
254Kb / 6P
   Chopper Regulator
logo
Sharp Corporation
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ Datasheet
62Kb / 3P
   Chopper Regulator
PQ1CG3032FZH SHARP-PQ1CG3032FZH Datasheet
144Kb / 5P
   Chopper Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com