Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF370417IRGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TRF370417IRGET
Description  50-MHz TO 6-GHz QUADRATURE MODULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF370417IRGET Datasheet(HTML) 4 Page - Texas Instruments

  TRF370417IRGET Datasheet HTML 1Page - Texas Instruments TRF370417IRGET Datasheet HTML 2Page - Texas Instruments TRF370417IRGET Datasheet HTML 3Page - Texas Instruments TRF370417IRGET Datasheet HTML 4Page - Texas Instruments TRF370417IRGET Datasheet HTML 5Page - Texas Instruments TRF370417IRGET Datasheet HTML 6Page - Texas Instruments TRF370417IRGET Datasheet HTML 7Page - Texas Instruments TRF370417IRGET Datasheet HTML 8Page - Texas Instruments TRF370417IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TRF370417
SLWS213 – JANUARY 2010
www.ti.com
RF OUTPUT PARAMETERS
over recommended operating conditions, power supply = 5 V, TA = 25°C, VCM = 1.7 V, VinBB = 98 mVrms single-ended in
quadrature, fBB = 50 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fLO = 70 MHz at 8 dBm
G
Voltage gain
Output rms voltage over input I (or Q) rms voltage
–8
dB
P1dB
Output compression point
7.3
dBm
IP3
Output IP3
fBB = 4.5, 5.5 MHz; Pout = –8 dBm per tone
22
dBm
IP2
Output IP2
fBB = 4.5, 5.5 MHz; Pout = –8 dBm per tone
69
dBm
Carrier feedthrough
Unadjusted
–46
dBm
Sideband suppression
Unadjusted; fBB = 4.5, 5.5 MHz
–27.5
dBc
fLO = 400 MHz at 8 dBm
G
Voltage gain
Output rms voltage over input I (or Q) rms voltage
–1.9
dB
P1dB
Output compression point
11
dBm
IP3
Output IP3
fBB = 4.5, 5.5 MHz; Pout = –8 dBm per tone
24.5
dBm
IP2
Output IP2
fBB = 4.5, 5.5 MHz; Pout = –8 dBm per tone
68
dBm
Carrier feedthrough
Unadjusted
–38
dBm
Sideband suppression
Unadjusted; fBB = 4.5, 5.5 MHz
–40
dBc
fLO = 945.6 MHz at 8 dBm
G
Voltage gain
Output rms voltage over input I (or Q) rms voltage
–2.5
dB
P1dB
Output compression point
11
dBm
IP3
Output IP3
fBB = 4.5, 5.5 MHz; Pout = –8 dBm per tone
25
dBm
IP2
Output IP2
fBB = 4.5, 5.5 MHz; Pout = –8 dBm per tone
65
dBm
Carrier feedthrough
Unadjusted
–40
dBm
Sideband suppression
Unadjusted; fBB = 4.5, 5.5 MHz
–42
dBc
Output return loss
9
dB
Output noise floor
≥13 MHz offset from fLO; Pout = –5 dBm
–161.2
dBm/Hz
fLO = 1800 MHz at 8 dBm
G
Voltage gain
Output rms voltage over input I (or Q) rms voltage
–2.5
dB
P1dB
Output compression point
12
dBm
IP3
Output IP3
fBB = 4.5, 5.5 MHz; Pout = –8 dBm per tone
26
dBm
IP2
Output IP2
fBB = 4.5, 5.5 MHz; Pout = –8 dBm per tone
60
dBm
Carrier feedthrough
Unadjusted
–40
dBm
Sideband suppression
Unadjusted; fBB = 4.5, 5.5 MHz
–50
dBc
Output return loss
8
dB
Output noise floor
≥13 MHz offset from fLO; Pout = –5 dBm
–161.5
dBm/Hz
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TRF370417


Similar Part No. - TRF370417IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417IRGET TI1-TRF370417IRGET Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
More results

Similar Description - TRF370417IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com