Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3371 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3371
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3371 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3371 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3371 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3371 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3371 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3371 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3371 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3371
2010-02-05
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) − ID
0
0
2
4
6
8
10
0.2
0.4
0.6
0.8
1.0
VGS = 3.75 V
4
4.25
4.5
4.75
5
6
8
10
Common source
Tc
= 25°C
Pulse test
0
0
10
20
30
40
50
0.4
0.8
1.2
1.6
2.0
VGS = 4 V
4.5
10
Common source
Tc
= 25°C
Pulse test
4.25
8
6
5.5
5.25
5
4.75
0
0
2
4
6
8
10
0.4
0.8
1.2
1.6
2.0
Tc
= −55°C
25
100
Common source
VDS = 20 V
Pulse test
0
0
4
8
12
16
20
4
8
12
16
20
ID = 1 A
Common source
Tc
= 25°C
Pulse test
0.25
0.5
0.1
0.03 0.05
0.1
0.3
0.5
1
3
0.3
0.5
1
3
Tc
= −55°C
Common source
VDS = 20 V
Pulse test
25
100
1
0.03 0.05
0.1
0.3
0.5
1
3
3
5
10
30
Common source
Tc
= 25°C
Pulse test
VGS = 10 V


Similar Part No. - 2SK3371

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3371 TOSHIBA-2SK3371 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3371 TOSHIBA-2SK3371 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK3371 VBSEMI-2SK3371 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 2SK3371

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com