Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3342 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3342
Description  Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3342 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3342_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3342_10 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3342
2010-02-05
4
RDS (ON) − Tc
Case temperature Tc (°C)
0
3.0
0.5
1.5
1.0
−50
−100
200
0
50
150
100
2.0
ID = 4.5A
2
1
Common source
VDS = 10 V
Pulse Test
2.5
PD − Tc
Case temperature Tc (°C)
0
40
10
0
200
40
80
160
120
20
30
Common source
VGS = 0 V
f
= 1MHZ
Tc
= 25°C
Capacitance – VDS
Drain-source voltage VDS (V)
10
1000
30
100
50
0.3
0.1
30
0.5
1
5
3
300
500
10
Ciss
Coss
Crss
Total gate charge Qg (nC)
Dynamic input / output
characteristics
250
0
200
150
100
0
10
515
20
VDD = 200V
VDS
VGS
Common source
ID = 4.5 A
Tc
= 25°C
Pulse Test
50
25
0
20
15
10
5
100V
50V
Case temperature Tc (°C)
0
−100
0
50
100
150
200
−50
1
2
3
5
Common source
VDS = 10 V
ID = 1mA
Pulse Test
4
Vth − Tc
IDR − VDS
Drain-source voltage VDS (V)
0.5
0
1.0
1.5
2.0
0.1
1
100
10
Common source
Tc
= 25°C
Pulse Test
VGS = 0V
−1
10
5
3


Similar Part No. - 2SK3342_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Similar Description - 2SK3342_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_10 Datasheet
204Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com