Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-DA0416-02S Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # PS-DA0416-02S
Description  DC-AC INVERTER UNIT 20 W DUAL OR QUAD OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0416-02S Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  PS-DA0416-02S Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0416-02S Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0416-02S Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0416-02S Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC-AC INVERTER UNIT
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (1)
Version 2.0, 15th August 2007
• This product is designed for the lighting of a Cold Cathode Fluorescent Lamp. Do not use it with any other load.
• Store this product under the conditions defined in the specification document.
• Do not store this product in an environment where dust, dirt or corrosive gas (salt, acid, base, etc.) is present.
• This product is subject to high voltage. If there is a possibility that the user may touch the product, provide a proper
indication in order to draw the user’s attention.
• This product is designed for use with general electronic equipment. If it is to be used with medical equipment that directly
affects human life or for the control of transportation equipment to which passengers entrust their lives, provide thorough fail-
safe measures.
• Avoid using this product under high temperatures or high humidity or in an environment in which dust, dirt or any corrosive
gas (salt, acid, base, etc.) is present. Also, be careful not to allow the formation of dew condensation. It may result in
damage or electric shock.
• If the product does not have a built-in protective circuit (circuit breaker, fuse, etc.), it is recommended that a fuse be used at
the input stage to prevent the generation of smoke or fire in the event of a malfunction. Even when the product has a built-in
protective circuit (circuit breaker, fuse, etc.), the circuit may not function properly due to inappropriate operating conditions or
power-supply capacity. It is recommended that an appropriate protective circuit (circuit breaker, fuse, etc.) be provided
separately from the built-in circuit.
• Use the product only within the specified input voltage, output power, output voltage and operating temperature ranges.
Exceeding these values may result in damage, etc. Abnormal voltage may result in damage, etc.
• Provide a measure for the preventation of surge voltage due to lighting, etc. Abnormal voltage may result in damage, etc.
• To prevent problems arising form short-circuiting of the high-voltage section, provide appropriate measures to prevent the
entry of foreign substances following installation.
• This product is not designed to provide resistance to radiation.
BACKLIGHT INVERTER INSTALLATION INSTRUCTION
Precautionary Notes Regarding the Use of This Inverter
Precautionary Notes Regarding the Use of This Inverter
When using this product, give due consideration to the precautionary notes described below
and ensure a safe design. Inappropriate use may result in electric shock, injury or fire.
WARNING
• This product is subject to high voltage. Do not touch it while the power is on. Failing to do so may result in electric shock.
CAUTION
HANDLING PRECAUTIONS
• This product uses thin wires. Observe the following precautions and handle it with care so as not to cause wire breakage.
Broken wire may result in damage, etc.
Do not stack multiple products on top of one another,
Do not allow the product to come in contact with tools, etc.
• Do not apply excessive stress during installation. It may cause chipping and cracking, resulting in damage, etc
• Provide a clearance of 2 mm or more between the high-voltage section of this product and the frame body on which the
product is installed and also the conductor section (pattern, pad, etc.)


Similar Part No. - PS-DA0416-02S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0416-01 POWER-SYSTEMS-PS-DA0416-01 Datasheet
241Kb / 4P
   DC-AC INVERTER UNIT 18 W DUAL OR QUAD OUTPUTS
PS-DA0416-01S POWER-SYSTEMS-PS-DA0416-01S Datasheet
241Kb / 4P
   DC-AC INVERTER UNIT 18 W DUAL OR QUAD OUTPUTS
More results

Similar Description - PS-DA0416-02S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0416-01 POWER-SYSTEMS-PS-DA0416-01 Datasheet
241Kb / 4P
   DC-AC INVERTER UNIT 18 W DUAL OR QUAD OUTPUTS
PS-DA0401-01 POWER-SYSTEMS-PS-DA0401-01 Datasheet
473Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0401-02 POWER-SYSTEMS-PS-DA0401-02 Datasheet
164Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0404-007 POWER-SYSTEMS-PS-DA0404-007 Datasheet
80Kb / 2P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0412-03 POWER-SYSTEMS-PS-DA0412-03 Datasheet
254Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0412-04 POWER-SYSTEMS-PS-DA0412-04 Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0412-02 POWER-SYSTEMS-PS-DA0412-02 Datasheet
254Kb / 4P
   DC-AC INVERTER UNIT 22 W QUAD OUTPUTS
PS-DA0412-210 POWER-SYSTEMS-PS-DA0412-210 Datasheet
374Kb / 2P
   DC-AC INVERTER UNIT 25 W QUAD OUTPUTS
PS-DA0404-02 POWER-SYSTEMS-PS-DA0404-02 Datasheet
175Kb / 4P
   DC-AC INVERTER UNIT 24 W QUAD OUTPUTS
PS-DA0412-014-B POWER-SYSTEMS-PS-DA0412-014-B Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 25 W QUAD OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com