Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3301 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3301
Description  Switching Regulatorand DC-DC Converter Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3301 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3301 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3301 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3301 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK3301
2010-02-05
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
±10
μA
Gate-source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut-off current
IDSS
VDS = 720 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
900
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.4
3.4
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 0.5 A
15
20
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 0.5 A
0.3
0.65
S
Input capacitance
Ciss
165
pF
Reverse transfer capacitance
Crss
6
pF
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
21
pF
Rise time
tr
15
Turn-on time
ton
60
Fall time
tf
40
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
110
ns
Total gate charge
(gate-source plus gate-drain)
Qg
6
nC
Gate-source charge
Qgs
3
nC
Gate-drain (“miller”) charge
Qgd
VDD ∼− 400 V, VGS = 10 V, ID = 1 A
3
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
1
A
Pulse drain reverse current
(Note 1)
IDRP
2
A
Forward voltage (diode)
VDSF
IDR = 1 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
1300
ns
Reverse recovery charge
Qrr
IDR = 1 A, VGS = 0 V
dIDR/dt = 100 A/μs
1.95
μC
Marking
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
K3301
Lot No.
Note 4
Part No. (or abbreviation code)
0 V
10 V
VGS
VDD ∼− 400 V
ID = 0.5 A
VOUT


Similar Part No. - 2SK3301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3301 TOSHIBA-2SK3301 Datasheet
142Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, DC-DC CONVERTER APPLICATIONS)
2SK3301 TOSHIBA-2SK3301 Datasheet
166Kb / 3P
   Silicon N Channel MOS Type Switching Regulatorand DC-DC Converter Applications
2SK3301 TOSHIBA-2SK3301 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3301D ISC-2SK3301D Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3301I ISC-2SK3301I Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3301Q TOSHIBA-2SK3301Q Datasheet
150Kb / 3P
   Switching Regulatorand DC-DC Converter Applications
2SK3301 TOSHIBA-2SK3301_06 Datasheet
166Kb / 3P
   Silicon N Channel MOS Type Switching Regulatorand DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com