Electronic Components Datasheet Search |
|
2SK3128 Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
2SK3128 Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 3 page 2SK3128 2009-09-29 1 TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( π-MOSVI) 2SK3128 Chopper Regulator, DC−DC Converter and Motor Drive Applications Low drain-source ON resistance : RDS (ON) = 9.5 mΩ (typ.) High forward transfer admittance : |Yfs| = 40 S (typ.) Low leakage current : IDSS = 100 μA (max) (VDS = 30 V) Enhancement mode : Vth = 1.5 to 3.0 V (VDS = 10 V, ID = 1 mA) Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Drain−source voltage VDSS 30 V Drain−gate voltage (RGS = 20 kΩ) VDGR 30 V Gate−source voltage VGSS ±20 V DC (Note 1) ID 60 A Drain current Pulse (Note 1) IDP 180 A Drain power dissipation (Tc = 25°C) PD 150 W Single pulse avalanche energy (Note 2) EAS 411 mJ Avalanche current IAR 60 A Repetitive avalanche energy (Note 3) EAR 1.5 mJ Channel temperature Tch 150 °C Storage temperature range Tstg −55 to 150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Thermal Characteristics Characteristics Symbol Max Unit Thermal reverse, channel to case Rth (ch−c) 1.0 °C / W Thermal reverse, channel to ambient Rth (ch−a) 50 °C / W Note 1: Ensure that the channel temperature does not exceed 150°C. Note 2: VDD = 25 V, Tch = 25°C (initial), L = 82 μH, RG = 25 Ω, IAR = 60 A Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Please handle with caution. Unit: mm 1. GATE 2. DRAIN (HEAT SINK) 3. SOURCE JEDEC ― JEITA ― TOSHIBA 2-16C1B Weight: 4.6 g (typ.) |
Similar Part No. - 2SK3128_09 |
|
Similar Description - 2SK3128_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |