Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU14H141D Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # DU14H141D
Description  2-PHASE STEPPING SYSTEMS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DU14H141D Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button DU14H141D Datasheet HTML 2Page - Sanyo Semicon Device DU14H141D Datasheet HTML 3Page - Sanyo Semicon Device DU14H141D Datasheet HTML 4Page - Sanyo Semicon Device DU14H141D Datasheet HTML 5Page - Sanyo Semicon Device DU14H141D Datasheet HTML 6Page - Sanyo Semicon Device DU14H141D Datasheet HTML 7Page - Sanyo Semicon Device DU14H141D Datasheet HTML 8Page - Sanyo Semicon Device DU14H141D Datasheet HTML 9Page - Sanyo Semicon Device DU14H141D Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
5
Stepping motor
2-phase STEPPING SYSTEMS
Specifications
Stepping motors with integrated drivers
Features
1.Driver and motor are now integrated into a single unit.
A driver incorporating a motion control function needed
for driving a motor and a 2-phase stepping motor were
integrated into a single unit for enabling a more compact
installation space and less wiring.
2.Three types of operation modes can be selected to match
the specific application.
1Control by command pulses
2Program control by general-purpose I/O(Parallel)
3Compliant with RS-485, half-duplex asynchronous
communication
DB21M142S-01
E=DC24V
I=Rated current
JL=0.94×10-4kg
・m2
0.1
0.6
0.5
0.4
0.3
0.2
0
0.1
1
10
100
DB22M162S-01
E=DC24V
I=Rated current
JL=2.6×10-4kg
・m2
Pulse rate
(kpulse/s)
Pulse rate
(kpulse/s)
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
70
80
0
60
50
40
30
20
10
1
2
3
4
5
6
0
140
160
180
200
220
0
120
100
80
60
40
20
2
4
6
8
10
12
14
16
0
Number of rotations
(min-1)
Number of rotations
(min-1)
2000 3000
5000
100
1000
2000 3000
5000
100
1000
Pulse rate-torque characteristics
DimensionsUnit : mminch)]
D
C
B
CN1:POWER
1
・・・・19
2
・・・・20
1
2
CN2:I/O
RSW
PSW
DSW
4.5
31
±0.25(1.22±.01)
42
± 0.5(1.65±.02)
R3MIN.
70
+2
0
1.5
± 0.76(.59±.03)
24
±0.5(.94±.02)
0.05
0.025
(EFFECTIVE
LENGTH)
Manufacturer
:JST
CONNECTOR
:S02B-PASK-2
CONNECTOR
:SM20B-SHLDS-GW-TF
Manufacturer
:JST
± 0.15(1.18±.01)
TAP DEPTH 4
(.16)MIN.
4-M3
×0.5
A
A
EARTH TERMINAL
M2.5X0.45X4L
Use proper
techniques.
grounding
15
()
2.76
+.08
.00
()
59
+.04
.00
DC input
42mm
1.65inch
60mm
2.36inch
42mm
1.65inch
The date are measured under the drive condition of our company. The drive torque may very depending on the accuracy of customer-side equipment.


Similar Part No. - DU14H141D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU10E ETC2-DU10E Datasheet
83Kb / 3P
   Proximity Sensors Inductive ABS Housing
logo
Tyco Electronics
DU1215S MACOM-DU1215S Datasheet
202Kb / 3P
   RF MOSFET Power Transistor, ISW, 12V 2 - 175 MHz
logo
M/A-COM Technology Solu...
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor 15W, 2-175MHz, 12V
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor
logo
Tyco Electronics
DU1230S MACOM-DU1230S Datasheet
195Kb / 3P
   RF MOSFET Power Transistor, 30W, 12V, 2 - 175 MHz
More results

Similar Description - DU14H141D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com