Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP2G240YFPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G240YFPR
Description  LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G240YFPR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP2G240YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP2G240YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP2G240YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP2G240YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP2G240YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP2G240YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP2G240YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP2G240YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP2G240YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN74AUP2G240
www.ti.com
SCES760B – DECEMBER 2009 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –20 mA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.75 × VCC
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOH
V
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 mA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
A or B input VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
mA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
mA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
mA
VI = GND or
ICC
(VCC to 3.6 V),
0.8 V to 3.6 V
0.5
0.9
mA
IO = 0
VI = VCC – 0.6 V
(1),
ΔICC
3.3 V
40
50
mA
IO = 0
0 V
1.5
Ci
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF
(1)
One input at VCC – 0.6 V, other input at VCC or GND
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
18
1.2 V ± 0.1 V
2.6
7.3
12.8
2.1
15.6
1.5 V ± 0.1 V
1.4
5.2
8.7
0.9
10.3
tpd
A or B
Y
ns
1.8 V ± 0.15 V
1
4.2
6.6
0.5
8.2
2.5 V ± 0.2 V
1
3
4.4
0.5
5.5
3.3 V ± 0.3 V
1
2.4
3.5
0.5
4.3
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP2G240


Similar Part No. - SN74AUP2G240YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G240YFPR TI-SN74AUP2G240YFPR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUP2G240YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G241 TI-SN74AUP2G241 Datasheet
298Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com