Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-DA0288-02-X Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # PS-DA0288-02-X
Description  DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0288-02-X Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  PS-DA0288-02-X Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0288-02-X Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0288-02-X Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0288-02-X Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC-AC INVERTER UNIT
PS-DA0288-02-x (S) (8 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (3)
Version 1.0, 14th July 2009
(PRELIMINARY INFORMATION)
CONNECTOR/PINNING/ORDER KEY :
TEST CIRCUIT :
PS-DA0288-02-2
A
V
1000:1
PROBE
V
~
Vin
4.5 ~ 5.5 V
Iin
Vopen
F
CN1-1
CN1-2
F
T1
CN1-4
CN1-3
CN1-5
V
a
b
SW1
Vrmt
0 / 2.5 Vdc
CN1-6
Vbr
0 ~ 2.5 Vdc
Rbr
0 ~ 10 kOhm
CN1-7
V
a
b
SW2
V
Vst
CN1-8
A
~
RL1
Iout1
CN2-1
CN3-1
CN2-2
SW3
SW5
SW6
CL1
SW4
A
~
RL2
Iout2
CL2
CN3-2
CN2 CN3
DA0288-02-1
2x SM02(8.0)
1=H, 2=N.C, 3=L
5V
CN2+CN3
1;3
1;3
DA0288-02-2
2x SM02 B-BHSS 1=H, 2=L
5V
CN2+CN3
1;2
3;4
DA0288-02-3
1x SM03(4.0)
1=L, 2+3=H
5V
CN3
1;2;3
DA0288-02-4
1x SM03(4.0)
1+2=H, 3=L
5V
CN3
2;3;4
DA0288-02-5
1x SM04(4.0)
1+2=H, 3=N.C, 4=L
5V
CN3
1;2;3;4
Model
Connector
Pinning
Vin
Connector
Pinning


Similar Part No. - PS-DA0288-02-X

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0288-01-1 POWER-SYSTEMS-PS-DA0288-01-1 Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-01-1S POWER-SYSTEMS-PS-DA0288-01-1S Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-01-2 POWER-SYSTEMS-PS-DA0288-01-2 Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-01-2S POWER-SYSTEMS-PS-DA0288-01-2S Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-01-3 POWER-SYSTEMS-PS-DA0288-01-3 Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
More results

Similar Description - PS-DA0288-02-X

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0288-01-X POWER-SYSTEMS-PS-DA0288-01-X Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
CXA-0454 POWER-SYSTEMS-CXA-0454 Datasheet
148Kb / 2P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0204-01 POWER-SYSTEMS-PS-DA0204-01 Datasheet
151Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0263-02 POWER-SYSTEMS-PS-DA0263-02 Datasheet
658Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0253-124 POWER-SYSTEMS-PS-DA0253-124 Datasheet
114Kb / 2P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-M05D05S3-NJ4L-011 POWER-SYSTEMS-PS-M05D05S3-NJ4L-011 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-DA0211-01 POWER-SYSTEMS-PS-DA0211-01 Datasheet
336Kb / 4P
   DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0253-02 POWER-SYSTEMS-PS-DA0253-02 Datasheet
377Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com