Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-DA0284-01S Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # PS-DA0284-01S
Description  DC-AC INVERTER UNIT 11 W DUAL OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0284-01S Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  PS-DA0284-01S Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0284-01S Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0284-01S Datasheet HTML 3Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC-AC INVERTER UNIT
PS-DA0284-01(S) (11 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.6.8, 12th January 2010
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as
marked on mechanical drawing and any conductors.
Note 2:
Before apply any control signal into inverter, please provide Vcc first. Please follow the reversed
sequence during power off. Power off control signal first, then power off Vcc.
Note 3:
CN 1-6 can also used with external PWM signal. The external PWM frequency should be in a range
of 200 ~ 500Hz. For other frequency please request. The Low level is defined by 0 ~ 0.3 Vdc and the
high level is defined by 2.2 ~ 5.0 Vdc.
Vin (V)
Vbr (V)
Tu (°C)
Min.
Typ.
Max.
Output Current
Iout
12±1.2
0
-20~+70
4.4
5.0
5.6
mArms
Dut y 100%
Output Current
Iout
12±1.2
0
-20~+70
5.4
6.0
6.6
mArms
Dut y 100%
Output Current
Iout
12±1.2
0
-20~+70
6.4
7.0
7.6
mArms
Dut y 100%
Output Current
Iout
12±1.2
0
-20~+70
7.4
8.0
8.6
mArms
Dut y 100%
Output Current
Iout
12±0.6
5
-20~+70
-
13
-
%
Dut y M in
Input Current
Iin
12±1.2
0
-20~+70
-
0.95
1.23
Adc
Frequency
F
12±1.2
0
-20~+70
45
50
55
kHz
Open Circuit Voltage
Vopen
11.4
0
-20~+70
1.600
1.800
2.000
Vrms
No load Shutdown
Tsd
12±1.2
0
-20~+70
-
1.0
-
sec
wit hout load
Unit
Note
Parameters
Symbols
Conditions
Specification
Set 1 CN 1-7 Set 2 CN 1-8 Nominal output current
Open*
Open*
8.0 mArms
Open*
GND
7.0 mArms
GND
Open*
6.0 mArms
GND
GND
5.0 mArms
Table 1
* If driven by a logic signal it should be open collector or drain only, not a voltage source
CONNECTOR/PINNING/ORDER KEY :
CN2 CN3
DA0284-01-1-x
2x SM02(8.0)
1=H, 2=N.C, 3=L
CN2+CN3
1;3
1;3
DA0284-01-2-x 2x SM02 B-BHSS 1=H, 2=L
CN2+CN3
1;2
3;4
Model
DA0284-01-x-1
DA0284-01-x-2
Dimming external PWM-signal (70Khz)
Analog dimming (0~5Vdc)
Function of dimming
Level
0Vdc max. brightness
Connector
Pinning
Connector
Pinning
Model


Similar Part No. - PS-DA0284-01S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0288-01-1 POWER-SYSTEMS-PS-DA0288-01-1 Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-01-1S POWER-SYSTEMS-PS-DA0288-01-1S Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-01-2 POWER-SYSTEMS-PS-DA0288-01-2 Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-01-2S POWER-SYSTEMS-PS-DA0288-01-2S Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-01-3 POWER-SYSTEMS-PS-DA0288-01-3 Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
More results

Similar Description - PS-DA0284-01S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0211-03 POWER-SYSTEMS-PS-DA0211-03 Datasheet
231Kb / 4P
   DC-AC INVERTER UNIT 11 W DUAL OUTPUTS
PS-DA0211-02 POWER-SYSTEMS-PS-DA0211-02 Datasheet
243Kb / 4P
   DC-AC INVERTER UNIT 11 W DUAL OUTPUTS
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0288-02-X POWER-SYSTEMS-PS-DA0288-02-X Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-M05D05S3-NJ4L-011 POWER-SYSTEMS-PS-M05D05S3-NJ4L-011 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-DA0211-01 POWER-SYSTEMS-PS-DA0211-01 Datasheet
336Kb / 4P
   DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0253-02 POWER-SYSTEMS-PS-DA0253-02 Datasheet
377Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-11 POWER-SYSTEMS-PS-DA0253-11 Datasheet
348Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-13 POWER-SYSTEMS-PS-DA0253-13 Datasheet
365Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com