Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2883 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2883
Description  Chopper Regulator, DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2883 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2883 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2883 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2883 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2883 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2883 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2883 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2883
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 640 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
800
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 1.5 A
3.0
3.6
Forward transfer admittance
|Yfs|
VDS = 20 V, ID = 1.5 A
0.65
2.6
S
Input capacitance
Ciss
750
Reverse transfer capacitance
Crss
10
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
70
pF
Rise time
tr
15
Turn−on time
ton
55
Fall time
tf
30
Switching time
Turn−off time
toff
110
ns
Total gate charge (gate−source
plus gate−drain)
Qg
25
Gate−source charge
Qgs
13
Gate−drain (“miller”) Charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 3 A
12
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
3
A
Pulse drain reverse current
(Note 1)
IDRP
9
A
Forward voltage (diode)
VDSF
IDR = 3 A, VGS = 0 V
−1.9
V
Reverse recovery time
trr
900
ns
Reverse recovery charge
Qrr
IDR = 3 A, VGS = 0 V
dIDR / dt = 100 A / μs
6
μC
Marking
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
Lot No.
Note 4
K2883
Part No. (or abbreviation code)


Similar Part No. - 2SK2883

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2883 TOSHIBA-2SK2883 Datasheet
297Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2883 TOSHIBA-2SK2883 Datasheet
752Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK2883 VBSEMI-2SK2883 Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
2SK2883B ISC-2SK2883B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2883

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2598 TOSHIBA-2SK2598_09 Datasheet
445Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2749 TOSHIBA-2SK2749_09 Datasheet
417Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2837 TOSHIBA-2SK2837_09 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ407 TOSHIBA-2SJ407_09 Datasheet
420Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2267 TOSHIBA-2SK2267_09 Datasheet
435Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ360 TOSHIBA-2SJ360_09 Datasheet
211Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2376 TOSHIBA-2SK2376_09 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2381 TOSHIBA-2SK2381_09 Datasheet
403Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2401 TOSHIBA-2SK2401_09 Datasheet
442Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2989 TOSHIBA-2SK2989_09 Datasheet
243Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com