Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2865 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2865
Description  Chopper Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2865 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2865_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2865_10 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2865
2010-02-05
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cutoff current
IDSS
VDS = 600 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
600
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON-resistance
RDS (ON)
VGS = 10 V, ID = 1 A
4.2
5.0
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 1 A
0.8
1.7
S
Input capacitance
Ciss
380
Reverse transfer capacitance
Crss
40
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
120
pF
Rise time
tr
15
Turn−on time
ton
25
Fall time
tf
20
Switching time
Turn−off time
toff
80
ns
Total gate charge (gate−source
plus gate−drain)
Qg
9
Gate−source charge
Qgs
5
Gate−drain (“Miller”) charge
Qgd
VDD ≈ 480 V, VGS = 10 V, ID = 2 A
4
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
2
A
IDRP
t = 1 ms
5
A
Pulse drain reverse current
(Note 1)
IDRP
t = 100 μs
8
A
Forward voltage (diode)
VDSF
IDR = 2 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
1000
ns
Reverse recovery charge
Qrr
IDR = 2 A, VGS = 0 V
dIDR / dt = 100 A/μs
3.5
μC
Marking
K2865
Lot No.
Note 4
Part No.
(or abbreviation code)
Note 4 : A line under a Lot No. identifies the indication of product Labels
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is Directive 2002/95/EC of the European Parliament and
of the Council of 27 January 2003 on the restriction of the use of certain
hazardous substances in electrical and electronic equipment.


Similar Part No. - 2SK2865_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2865 TOSHIBA-2SK2865_06 Datasheet
710Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2865_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4002 TOSHIBA-2SK4002 Datasheet
742Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_09 Datasheet
409Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4002 TOSHIBA-2SK4002_09 Datasheet
415Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SJ464 TOSHIBA-2SJ464_09 Datasheet
202Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_10 Datasheet
427Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2719 TOSHIBA-2SK2719_09 Datasheet
187Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4018 TOSHIBA-2SK4018_08 Datasheet
737Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3085 TOSHIBA-2SK3085 Datasheet
207Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2231Q TOSHIBA-2SK2231Q Datasheet
810Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2700 TOSHIBA-2SK2700_09 Datasheet
410Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com